Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4148 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4148
Description  Using the SPIRIT1 transceiver under ARIB STD-T93 in the 315 MHz band
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4148 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4148 Datasheet HTML 3Page - STMicroelectronics AN4148 Datasheet HTML 4Page - STMicroelectronics AN4148 Datasheet HTML 5Page - STMicroelectronics AN4148 Datasheet HTML 6Page - STMicroelectronics AN4148 Datasheet HTML 7Page - STMicroelectronics AN4148 Datasheet HTML 8Page - STMicroelectronics AN4148 Datasheet HTML 9Page - STMicroelectronics AN4148 Datasheet HTML 10Page - STMicroelectronics AN4148 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AN4148
Application circuit
Doc ID 023517 Rev 1
7/13
Figure 3.
Daughterboard schematic
AM13166v1
VBAT2
8
XOUT
6
XIN
7
RXP
9
RXN
10
VBAT1
16
VREG
17
GPIO_3
18
GPIO_2
19
GPIO_1
20
GND
21
2
4
6
8
10
1
3
5
7
9
2
4
6
8
10
1
3
5
7
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com