Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4148 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4148
Description  Using the SPIRIT1 transceiver under ARIB STD-T93 in the 315 MHz band
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4148 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4148 Datasheet HTML 1Page - STMicroelectronics AN4148 Datasheet HTML 2Page - STMicroelectronics AN4148 Datasheet HTML 3Page - STMicroelectronics AN4148 Datasheet HTML 4Page - STMicroelectronics AN4148 Datasheet HTML 5Page - STMicroelectronics AN4148 Datasheet HTML 6Page - STMicroelectronics AN4148 Datasheet HTML 7Page - STMicroelectronics AN4148 Datasheet HTML 8Page - STMicroelectronics AN4148 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
An overview of ARIB STD-T93 regulation
AN4148
4/13
Doc ID 023517 Rev 1
Table 1.
value of the permissible value of the unwanted emission intensity
Frequency band [GHz]
Maximum permissible value of the unwanted
emission intensity
Reference bandwidth
[nW] e.i.r.p.
[dBm] e.i.r.p.
Below 1
250
- 36
100 kHz
Above 1
1000
- 30
1 MHz
Table 2.
value of the conducted spurious component at receiver
Frequency band [GHz]
Maximum permissible value of the unwanted
emission intensity
Reference bandwidth
[nW] EIRP
[dBm] EIRP
Below 1
4
-54
100 kHz
Above 1
4
-54
1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com