Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4148 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4148
Description  Using the SPIRIT1 transceiver under ARIB STD-T93 in the 315 MHz band
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4148 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4148 Datasheet HTML 1Page - STMicroelectronics AN4148 Datasheet HTML 2Page - STMicroelectronics AN4148 Datasheet HTML 3Page - STMicroelectronics AN4148 Datasheet HTML 4Page - STMicroelectronics AN4148 Datasheet HTML 5Page - STMicroelectronics AN4148 Datasheet HTML 6Page - STMicroelectronics AN4148 Datasheet HTML 7Page - STMicroelectronics AN4148 Datasheet HTML 8Page - STMicroelectronics AN4148 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AN4148
An overview of ARIB STD-T93 regulation
Doc ID 023517 Rev 1
3/13
1
An overview of ARIB STD-T93 regulation
The ARIB STD-T93 standard provides for telemetry radio equipment designed to
automatically indicate and/or record the results obtained by measuring instruments located
remotely; telecontrol radio equipment for transmission of signals to activate, change or
deactivate the functions of devices located remotely by means of radio waves; data
transmission radio equipment intended for the transmission of information to be processed
primarily by machines, or of previously processed information that uses the frequency of
315 MHz. Expected application is air pressure monitoring equipment for tire and keyless
entry systems for automotive. Audio and sound data is eliminated from this regulation.
The operating frequency band is defined as above 312 MHz to below 315.25 MHz. The
antenna power for frequencies above 312 MHz and below 315.25 MHz must be below 25
µW (- 16 dBm) EIRP (equivalent isotropically radiated power). Also, antenna power (EIRP)
shall be below 205 uW (- 6.9 dBm) when the center of the frequency band added deviation
of frequency to occupied frequency band is between 312 MHz and 315.05 MHz.
There are no specific requirements for the modulation method, modulation rate, frequency
deviation, coding type, and adjacent channel leakage power.
The permissible value for an occupied bandwidth (the bandwidth such that the mean power
radiated below its lower frequency limit and above its upper frequency limit are each equal
to 0.5% of the total mean power radiated by a given emission) shall be 1 MHz.
“Spurious emission” refers to the emission on a frequency or frequencies which are outside
the permitted bandwidth and the level of which may be reduced without affecting the
corresponding transmission of information, including a high harmonic emission, a low
harmonic emission, a parasitic emission and an intermodulation product, but excluding an
out-of-band emission.
“Out-of-band emission” refers to the emission which results from the modulation process on
a frequency or frequencies outside the permitted bandwidth.
“Unwanted emission” refers to the emission consisting of the spurious emission and the out-
of-band emission.
“Permissible value of the unwanted emission intensity” refers to the permissible value
defined according to the mean power of unwanted emissions of each modulated frequency
supplied to the feeder. Permissible value of the unwanted emission intensity is shown in
Table 1.
For the receiver part, a conducted spurious component is defined. Permissible value of the
receiver conducting spurious components is defined in
Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com