Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4174 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4174
Description  Using the SPIRIT1 transceiver under the ARIB STD-T67 standard in the 426 MHz band
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4174 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4174 Datasheet HTML 3Page - STMicroelectronics AN4174 Datasheet HTML 4Page - STMicroelectronics AN4174 Datasheet HTML 5Page - STMicroelectronics AN4174 Datasheet HTML 6Page - STMicroelectronics AN4174 Datasheet HTML 7Page - STMicroelectronics AN4174 Datasheet HTML 8Page - STMicroelectronics AN4174 Datasheet HTML 9Page - STMicroelectronics AN4174 Datasheet HTML 10Page - STMicroelectronics AN4174 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AN4174
Application circuit
Doc ID 023728 Rev 1
7/21
2
Application circuit
Figure 1 shows the SPIRIT1 application board. The application is made up of 2 boards: a
daughterboard and a motherboard. The daughterboard holds the SPIRIT1 with the circuits
necessary for its functioning. For correct functionality, the daughterboard must be plugged
on a motherboard (see Figure 2) by two header 5x2 connectors (J6 and J7).
The motherboard is provided with an STM32L152VBT6 micro to correctly program the
transceiver. The micro is programmed with a firmware developed for the SPIRIT1
application. A graphical user interface (GUI) is developed to correctly program the Spirit1.
The daughterboard is provided with a 52 MHz XTAL to provide the correct oscillator to the
SPIRIT1.
The SPIRIT1 has an internal SMPS that drastically reduces power consumption, making it
the best-in-class for the application on this bandwidth. The SMPS is fed from the battery (1.8
V to 3.6 V) and provides a programmable voltage (1.4 V usually) to the device. An SMA
connector is present to connect the board at antenna or at instrumentation to verify the
correct functionality and to verify the ETSI standard request.
A few passive inductors and capacitors are used as matching/filtering for the power amplifier
(PA) and balun network for the receiver.
To reduce application costs, the SPIRIT1 is designed to work without an external antenna
switch. This daughterboard is designed to show the SPIRIT1 functionality in this condition.
Clearly, an application with antenna switch can be realized, but this isn't described in this
document.
Figure 1.
SPIRIT1 application daughterboard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com