Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4174 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4174
Description  Using the SPIRIT1 transceiver under the ARIB STD-T67 standard in the 426 MHz band
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4174 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4174 Datasheet HTML 1Page - STMicroelectronics AN4174 Datasheet HTML 2Page - STMicroelectronics AN4174 Datasheet HTML 3Page - STMicroelectronics AN4174 Datasheet HTML 4Page - STMicroelectronics AN4174 Datasheet HTML 5Page - STMicroelectronics AN4174 Datasheet HTML 6Page - STMicroelectronics AN4174 Datasheet HTML 7Page - STMicroelectronics AN4174 Datasheet HTML 8Page - STMicroelectronics AN4174 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AN4174
An overview of the ARIB STD-T67 standard
Doc ID 023728 Rev 1
5/21
Unwanted emission refers to the emissions made up of the spurious emission and the out-
of-band emission.
The permissible value of the unwanted emission intensity refers to the permissible value
defined according to the mean power of unwanted emissions of each modulated frequency
supplied to the feeder. The permissible value of the unwanted emission intensity is 2.5 µW (-
26 dBm) or less, as measured in the average power.
For the receiver, the following parameters are defined.
The reference sensitivity (the necessary receiver input voltage in which the output bit error
rate of the device is 1 x 10-2 when the desired wave modulated is applied) is 2 µV (-101
dBm on 50 ohm) or less for receivers with channel intervals of 12.5 kHz and 25 kHz, and 2.8
µV (-98 dBm on 50
Ω) or less for receivers with channel interval of 50 kHz.
The spurious response at effective selectivity (the ratio of the jamming wave input voltage to
the encoding reference sensitivity as the output bit error rate of the device becomes 1 x 10-
2 when an un-modulated jamming wave is applied in a state in which a desired wave input
voltage 3 dB higher than the encoding reference sensitivity is applied) is 40 dB or more.
The adjacent channel selectivity at effective selectivity (the ratio of the jamming wave input
voltage to the encoding reference sensitivity as the output bit error rate of the device
becomes 1 x 10-2 when a jamming wave that is modulated by a signal of repetitive binary
pseudo noise with a code length of 32767 bits and is 12.5 kHz or 25 kHz in distance from
the desired wave is applied to a device with channel interval of 12.5 kHz or 25 kHz,
respectively, in a state in which the desired wave input voltage 3 dB higher than the
encoding reference sensitivity is applied) is 30 dB or more.
The frequency tolerance, as for the transmitter, is ±4 x 10-6 (± 4 ppm). This is a very
stringent requirement, a TCXO is necessary to meet the frequency tolerance requirement.
The limit of the secondary radiated emission from the receiving equipment is, in terms of the
power of a dummy antenna circuit that has the same electrical constant as the receiving
antenna, 4 nW (-54 dBm) or lower.
Table 1.
Communication method, operating frequencies and antenna power
Communication method
Operating frequency band
[MHz]
Antenna
power [W]
Transmission time restriction
One-way communication,
simplex operation or
broadcast communication
426.0250 - 426.1375
(12.5 kHz interval)
0.001 or less
TCT: 40 sec, TQT: 2 sec
(Telemetry, data transmission)
TCT: 5 sec, TQT: 2 sec
(Telecontrol, data transmission)
426.0375 - 426.1125
(25 kHz interval)
TCT: 40 sec, TQT: 2 sec
(Telemetry, data transmission)
TCT: 5 sec, TQT: 2 sec
(Telecontrol, data transmission)
One-way communication,
simplex operation or
broadcast communication
429.1750 - 429.2375
(12.5 kHz interval)
0.01 or less
TCT: 40 sec, TQT: 2 sec
429.2500 - 429.7375
(12.5 kHz interval)
Continuous transmission
(intermittent communication possible)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com