Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4174 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4174
Description  Using the SPIRIT1 transceiver under the ARIB STD-T67 standard in the 426 MHz band
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4174 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4174 Datasheet HTML 1Page - STMicroelectronics AN4174 Datasheet HTML 2Page - STMicroelectronics AN4174 Datasheet HTML 3Page - STMicroelectronics AN4174 Datasheet HTML 4Page - STMicroelectronics AN4174 Datasheet HTML 5Page - STMicroelectronics AN4174 Datasheet HTML 6Page - STMicroelectronics AN4174 Datasheet HTML 7Page - STMicroelectronics AN4174 Datasheet HTML 8Page - STMicroelectronics AN4174 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
AN4174
List of figures
Doc ID 023728 Rev 1
3/21
List of figures
Figure 1.
SPIRIT1 application daughterboard . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 2.
SPIRIT1 application daughterboard plugged on the motherboard . . . . . . . . . . . . . . . . . . . . 8
Figure 3.
Daughterboard schematic. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 4.
Adjacent channel power, 2.4 Kbps data rate, 2.4 kHz frequency deviation . . . . . . . . . . . . 11
Figure 5.
Adjacent channel power, 4.8 Kbps data rate, 2.4 kHz frequency deviation . . . . . . . . . . . . 11
Figure 6.
Adjacent channel power, 9.6 Kbps data rate, 2.4 kHz frequency deviation . . . . . . . . . . . . 12
Figure 7.
Adjacent channel power, 9.6 Kbps data rate, 4.8 kHz frequency deviation . . . . . . . . . . . . 12
Figure 8.
TX spurious emission below 1 GHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 9.
TX spurious emission above 1 GHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 10.
RX sensitivity with 1% BER . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 11.
RX spurious emission below 1 GHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 12.
RX spurious emission above 1 GHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com