Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4308 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4308
Description  The STCCxxxx devices also integrate the autodetect feature that supports both DCP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4308 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4308 Datasheet HTML 3Page - STMicroelectronics AN4308 Datasheet HTML 4Page - STMicroelectronics AN4308 Datasheet HTML 5Page - STMicroelectronics AN4308 Datasheet HTML 6Page - STMicroelectronics AN4308 Datasheet HTML 7Page - STMicroelectronics AN4308 Datasheet HTML 8Page - STMicroelectronics AN4308 Datasheet HTML 9Page - STMicroelectronics AN4308 Datasheet HTML 10Page - STMicroelectronics AN4308 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DocID024781 Rev 1
7/14
AN4308
Application dependent CTLx controlling options
14
2.3
CTLx pins controlled by signals SUSPEND and
AC_ADAPTER
In this case, the charging modes are enabled only when the system is powered from AC
adapter.
The drawback of this solution is that it doesn't support remote wakeup in the S3.
Another way may be to use a GPIO from EC to control the CTL2.
Or to use 1 GPIO only and the CTL3 pulled-up(b):
The device can be powered on/off using the EN pin.
Table 6. SUSPEND and AC_ADAPTER control truth table
Power state
CTL1 = CTL2 = SUSPEND
CTL3 = AC_ADAPTER
Mode
S0
1
0
SDP
S0
1
1
CDP
S3/S4/S5
0
1
DCP auto
S3/S4/S5
0
0
OFF
Table 7. SUSPEND, AC_ADAPTER and GPIO control truth table
Power state CTL1 = SUSPEND CTL2 = GPIO
CTL3 =
AC_ADAPTER
Mode
S0
1
1
0
SDP
S0
1
1
1
CDP
S3
0
1
0
SDP
S3
0
1
1
LS devices: remote wakeup.
FS, HS devices: DCP auto.
S4/S5
0
0
1
DCP auto
S4/S5
0
0
0
OFF
b. Internal pull-up on the CTL3 is a metal option, not implemented in current versions of STCCxxxx devices.
Table 8. SUSPEND and GPIO control truth table
Power state
CTL1 =
SUSPEND
CTL2 = GPIO
CTL3 pull-up
Mode
S0
1
1
1
CDP
S3
0
1
1
LS devices: remote wakeup.
FS, HS devices: DCP auto.
S4/S5
0
0
1
DCP auto



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com