Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4308 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4308
Description  The STCCxxxx devices also integrate the autodetect feature that supports both DCP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4308 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4308 Datasheet HTML 1Page - STMicroelectronics AN4308 Datasheet HTML 2Page - STMicroelectronics AN4308 Datasheet HTML 3Page - STMicroelectronics AN4308 Datasheet HTML 4Page - STMicroelectronics AN4308 Datasheet HTML 5Page - STMicroelectronics AN4308 Datasheet HTML 6Page - STMicroelectronics AN4308 Datasheet HTML 7Page - STMicroelectronics AN4308 Datasheet HTML 8Page - STMicroelectronics AN4308 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DocID024781 Rev 1
3/14
AN4308
Management of CTLx pins to select operating mode
14
1
Management of CTLx pins to select operating mode
The selection between the SDP, CDP and DCP operating modes is done through a set of
control signals. The STCCxxxx devices have 3 logic inputs, the CTLx to select the suitable
operating mode in each platform power state (S0 to S5). The combination of these 3 pins
provides the following modes:
These pins may be controlled in different ways and depending on control types some
combinations are useless.
Table 1. CTLx truth table (assuming EN = 1, ATTACH_EN = 0)
Suitable
power state
CTL1 CTL2 CTL3
Mode
Advantages / use case
S0, S3
x
1
0
SDP with full remote wake-
up support
If NB is on battery and the battery charge is low,
it may be safer not to provide high current for
charging PD(1).
All PDs attached before transition from S0 to S3
are allowed to wake up the host to S0.
S0
1
1
1
CDP
NB can supply high current to PD
S3
0
1
1
CDP with remote wake-up
support for low-speed PDs
DCP auto for full-speed
and high-speed PDs
Low-speed PDs attached before transition S0 to
S3 are allowed to wake up the host to S0.
Full-speed and high-speed devices are charged
in S3 state.
S4/S5
0
0
1
Autodetect DCP mode
NB can charge PD with high current even if NB
is OFF (high power SMPS ON). The most
flexible, recommended charging mode.
S4/S5
1
0
0
Forced DCP BC1.2 mode
NB can charge PD with high current even if NB
is OFF (high power SMPS ON). Standardized
USB charging mode enhanced to support also
Korean tablet PDs.
S4/S5
1
0
1
Forced DCP divider mode
NB can charge PD with high current even if NB
is OFF (high power SMPS ON). Proprietary
charging mode for Apple PDs.
Any, but
mostly S4/S5
00
0
OFF
If NB battery is low, NB can stop charging
process using either this combination or EN pin.
1. PD stands for portable device, NB for notebook. LS stands for low-speed PDs, FS for full-speed PDs and HS for high-speed
PDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com