Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4308 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4308
Description  The STCCxxxx devices also integrate the autodetect feature that supports both DCP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4308 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4308 Datasheet HTML 5Page - STMicroelectronics AN4308 Datasheet HTML 6Page - STMicroelectronics AN4308 Datasheet HTML 7Page - STMicroelectronics AN4308 Datasheet HTML 8Page - STMicroelectronics AN4308 Datasheet HTML 9Page - STMicroelectronics AN4308 Datasheet HTML 10Page - STMicroelectronics AN4308 Datasheet HTML 11Page - STMicroelectronics AN4308 Datasheet HTML 12Page - STMicroelectronics AN4308 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DocID024781 Rev 1
9/14
AN4308
Management of the STCC50x1 attach detector
14
4
Management of the STCC50x1 attach detector
The attach detector is controlled by the combination of EN and ATTACH_EN inputs
according to Table 9:
The goal of the attach detector is to allow the host to turn off the 5 V SMPS (high power
supply) for VIN when it is not necessary. This decreases the power consumption to the
lowest possible level. In the attach detect mode, the consumption of the STCC50x1 is 12
A
only. After the PD attach is detected, the STCC50x1 asserts the CHARGING/ATTACH
output which allows enabling the 5 V SMPS.
Typically the attach detector is useful in S4/S5 states only. In the S0 to S3, the 5 V SMPS is
typically always turned on.
The truth table for the 5 V SMPS supply typically looks as Table 10:
To achieve this truth table, the enable input of the 5 V SMPS for VIN should be controlled by
combination of the STCC50x1 CHARGING/ATTACH output and a GPIO or a chipset signal.
For Intel chipset, a good candidate is the SLP_S4 signal described in Section 2.2 on page 5.
Table 9. Attach detector truth table
EN
ATTACH_EN
Attach detector
0
0
Disabled
01
Enabled
1
0
Disabled
1
1
Disabled
Table 10. Truth table for 5 V SMPS
Power state
EN
ATTACH_EN
5 V SMPS for VIN
S0
1
0 (X)
Always enabled
S3
1
0 (X)
Always enabled
S4/S5
1
0 (X)
Always enabled, attach detector disabled
S4/S5
0
1
Enabled after attach detect (CHARGING/ ATTACH = 0)
otherwise disabled
S4/S5
0
0
Always disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com