Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1547 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 10Page - STMicroelectronics UM1547 Datasheet HTML 11Page - STMicroelectronics UM1547 Datasheet HTML 12Page - STMicroelectronics UM1547 Datasheet HTML 13Page - STMicroelectronics UM1547 Datasheet HTML 14Page - STMicroelectronics UM1547 Datasheet HTML 15Page - STMicroelectronics UM1547 Datasheet HTML 16Page - STMicroelectronics UM1547 Datasheet HTML 17Page - STMicroelectronics UM1547 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
AT command list
UM1547
14/51
DocID023232 Rev 5
If there is currently no connection, the response is:
AT-AB ConnectionDown
3.7
ChangeBaud
The host sends the ChangeBaud command in order to change the local UART speed to a
new speed identified by the host. This setting will only remain in effect during the current
session - until reset (as general rule, the UART baud rate must be lower than the HCI baud
rate set in the variable 26).
3.7.1
Syntax
AT+AB ChangeBaud [rate]
where [rate] is the new baud rate:
•
1200
•
2400
•
4800
•
9600
•
19,200
•
38,400
•
57,600
•
115,200
•
230,400
•
460,800
•
921,600
•
2,000,000
3.7.2
Responses
If the change is accepted, the response is:
AT-AB Baudrate Changed
The actual change will not occur until the response has been completely transmitted.
3.8
ChangeDefaultBaud
The host sends the ChangeDefaultBaud command in order to change the default UART
speed to a new speed identified by the host. This command is used to override the default
baud rate from the dynamic configuration script so that the device does not require
reprogramming to update this setting. The new baud rate is updated permanently until the
device is either re-programmed or another ChangeDefaultBaud command is issued. The
baud rate specified in the command will not take effect until the device is reset. To change
the baud rate of the current session, use the ChangeBaud command (as general rule, the
UART baud rate must be lower than the HCI baud rate set in the variable 26).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com