Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1547 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 14Page - STMicroelectronics UM1547 Datasheet HTML 15Page - STMicroelectronics UM1547 Datasheet HTML 16Page - STMicroelectronics UM1547 Datasheet HTML 17Page - STMicroelectronics UM1547 Datasheet HTML 18Page - STMicroelectronics UM1547 Datasheet HTML 19Page - STMicroelectronics UM1547 Datasheet HTML 20Page - STMicroelectronics UM1547 Datasheet HTML 21Page - STMicroelectronics UM1547 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
AT command list
UM1547
18/51
DocID023232 Rev 5
The discovery COD optional parameters are listed here below:
–
miscellaneous
–computer
–
phone
–lan
–
peripheral
–
imaging
–
wearable
–toy
–
health
3.15.2
Responses
When the discovery command has been accepted, the response is:
AT-AB InqPending
Once the initial inquiry is complete and discovery has been started, the response is:
AT-AB DiscoveryPending [num]
where [num] is the number of devices found, in decimal (up to 10 will be reported).
For each name request that is successful, the response uses the returned names in the
following format.
AT-AB Device [BD addr] [name]
where [BD addr] is in hexadecimal with the most significant byte first. [name] is a string in
double quotes " ".
For each unsuccessful name request, the corresponding name is replaced by “Unknown”.
The name request may not be successful if unable to make a connection for the request.
AT-AB Device [BD addr] "Unknown"
3.16
EnableBond
The EnableBond command is used to enable bonding with another device. The BD address,
PIN and timeout parameters are optional.
When no BD address is specified, requests from all BD Addresses are allowed.
If a BD address is specified, bonding requests from devices with BD Addresses other than
the one specified will fail and the existing link key will be deleted for that device.
Optionally, a PIN code may be entered with this command. If no PIN code is specified, the
default PIN code will be used.
Also, a timeout value, in seconds, may be entered after the PIN code. Bonding will be
disabled automatically after the requested timeout. If no timeout is specified, bonding is
enabled until reset or until the DisableBond command is used.
If this command is issued multiple times, only the last PIN and BD address are saved. Also,
if this command is issued before the first timeout occurs, the subsequent command will
extend the timeout. The timeout is always set to the specified time beyond the last received
EnableBond.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com