Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1547 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 28Page - STMicroelectronics UM1547 Datasheet HTML 29Page - STMicroelectronics UM1547 Datasheet HTML 30Page - STMicroelectronics UM1547 Datasheet HTML 31Page - STMicroelectronics UM1547 Datasheet HTML 32Page - STMicroelectronics UM1547 Datasheet HTML 33Page - STMicroelectronics UM1547 Datasheet HTML 34Page - STMicroelectronics UM1547 Datasheet HTML 35Page - STMicroelectronics UM1547 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
Other responses
UM1547
32/51
DocID023232 Rev 5
5
Other responses
The following subsections describe types of responses that occur under specific
circumstances, not necessarily as a result of a specific command. They are:
•
Reset
•
Escape sequence
5.1
Reset
Upon either a hardware reset or software reset (such as the Reset command), ATn FW will
respond as follows after the reset is complete:
AT-AB -CommandMode-
AT-AB BDAddress [BD addr]
Because the BD address of the local device is reported during this response, the response
is different than a response to the Escape Sequence.
5.2
Escape sequence
If the escape sequence, "^#^$^%", is received and no connection is active, ATn FW will
immediately respond with:
AT-AB -CommandMode-
When the escape sequence is received while a connection is still active and there is no data
for 2 seconds, ATn FW will respond (after those 2 seconds of no data) with the same string.
ATn FW will now be in command mode.
5.3
Remote escape sequence
The remote escape sequence, supported by AT2 FW, allows a remote device to enter in a
mode where it can be controlled and configured by a BT link using a local host and
Bluetooth device.
To enable Remote Control the configuration variable RmtEscapeSequence must be set to
true.
The Remote escape sequence is "@#@$@%" and it must be sent by the local host in a
single complete packet over the BT link with no CR or LF in the sequence.
When received, the remote device will respond locally with:
AT-AB RemoteMode.
Note:
If sent digit by digit it will not be recognized by the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com