Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4570 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4570
Description  This application note describes how to use the high-density
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4570 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4570 Datasheet HTML 3Page - STMicroelectronics AN4570 Datasheet HTML 4Page - STMicroelectronics AN4570 Datasheet HTML 5Page - STMicroelectronics AN4570 Datasheet HTML 6Page - STMicroelectronics AN4570 Datasheet HTML 7Page - STMicroelectronics AN4570 Datasheet HTML 8Page - STMicroelectronics AN4570 Datasheet HTML 9Page - STMicroelectronics AN4570 Datasheet HTML 10Page - STMicroelectronics AN4570 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
DocID026804 Rev 1
7/46
AN4570
Overview of the STM32F30xxD/E flexible static memory controller
45
Figure 2. FMC memory banks
1.1
Interfacing asynchronous static memories (NOR Flash,
SRAM)
The interface signals are synchronized by the internal clock HCLK. This clock is not output
to the memory
The FMC always samples the data before de-asserting the chip select signal NE. This
guarantees that the memory data-hold timing constraint is met (chip enable high to data
transition, usually 0 ns min.).
•
If extended mode is enabled (EXTMOD: bit is set in the FSMC_BCRx register), there
are up to four extended modes (A, B, C and D) and it is possible to mix modes A, B, C
and D in read and write access. For example, read operation can be performed in
mode A and write in mode B.
•
If Extended mode is disabled, the FMC operates in Mode1 or Mode2 as follows:
–
Mode 1 is the default mode when SRAM/ PSRAM memory type is selected
(Bits 3:2 MTYP = 0x0 or 0x01 in the FSMC_BCRx register).
–
Mode 2 is the default mode when NOR memory type is selected
(Bits 3:2 MTYP = 0x10 in the FSMC_BCRx register).
Table 2. FMC operating modes
Asynchronous mode
Memory type
SRAM/PSRAM
NOR
Extended mode disabled
Mode 1
Mode2
Extended mode enabled
Mode A
Mode B, C, D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com