Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1868 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1868
Description  BlueNRG and BlueNRG-MS information register
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1868 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1868 Datasheet HTML 10Page - STMicroelectronics UM1868 Datasheet HTML 11Page - STMicroelectronics UM1868 Datasheet HTML 12Page - STMicroelectronics UM1868 Datasheet HTML 13Page - STMicroelectronics UM1868 Datasheet HTML 14Page - STMicroelectronics UM1868 Datasheet HTML 15Page - STMicroelectronics UM1868 Datasheet HTML 16Page - STMicroelectronics UM1868 Datasheet HTML 17Page - STMicroelectronics UM1868 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
BlueNRG IFR programming steps
UM1868
14/19
DocID027570 Rev 1
3
BlueNRG IFR programming steps
Regarding IFR programming, two procedures are available:
•
The BlueNRG GUI IFR utility which is useful for bench testing and bringing up
application PCBs.
•
Dedicated external microcontroller firmware based on the BlueNRG IFR ACI utility
APIs, available within the latest available BlueNRG DK software package. This
example firmware can be used during customer PCB manufacturing.
Some reference IFR data configuration files (*.dat) are available with the BlueNRG DK
software package. These files can be used as a starting point to customize the IFR based
on customer needs.
3.1
BlueNRG GUI IFR programming
The BlueNRG IFR can be programmed by following the steps below:
•
Open the BlueNRG GUI available on the BlueNRG DK 1.7.0 or later software package
•
Connect the BlueNRG or BlueNRG-MS platform to a PC USB port
•
Load the prebuilt Virtual COM image BlueNRG_VCOM_1_x.hex available on the
Firmware\STM32L1_prebuilt_images using the GUI, tools, and Flash motherboard
firmware provided that the BlueNRG or BlueNRG-MS platform is in DFU mode (on the
Projects\Project\Virtual_COM_Port folder, an IAR project is also available for building
and downloading the Virtual COM image through JTAG).
•
On the BlueNRG GUI, select the associated COM port and click on the "Open" button
•
Select the Tools, BlueNRG IFR... utility and the View/Edit tab
•
Customize the IFR fields according to the user's needs or click on the “Load” button to
load a saved IFR configuration file (*.dat file).
•
Click on the "Write" button to write the IFR file into the BlueNRG or BlueNRG-MS
device IFR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com