Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1868 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM1868
Description  BlueNRG and BlueNRG-MS information register
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1868 Datasheet(HTML) 4 Page - STMicroelectronics

  UM1868 Datasheet HTML 1Page - STMicroelectronics UM1868 Datasheet HTML 2Page - STMicroelectronics UM1868 Datasheet HTML 3Page - STMicroelectronics UM1868 Datasheet HTML 4Page - STMicroelectronics UM1868 Datasheet HTML 5Page - STMicroelectronics UM1868 Datasheet HTML 6Page - STMicroelectronics UM1868 Datasheet HTML 7Page - STMicroelectronics UM1868 Datasheet HTML 8Page - STMicroelectronics UM1868 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Information register sector
UM1868
4/19
DocID027570 Rev 1
1.1
IFR data regions
The IFR sector is divided into three regions (see Figure 3):
1.
Cold boot table region (COLD_ANA_CONFIG_TABLE)
2.
Hot boot table region (HOT_ANA_CONFIG_TABLE)
3.
Configuration parameters region (IFR_DATA_CONFIG)
Figure 3: IFR regions
Note: All IFR parameters that are configurable can be changed with the BlueNRG IFR
utility "View/Edit" view (see Section 2: "BlueNRG GUI IFR utility")
1.1.1
Cold boot region
The cold boot region (COLD_ANA_CONFIG_TABLE) contains analog configurations that
are loaded on hardware reset and power-on-reset (POR). This region configures registers
that maintain analog configurations while in sleep mode (e.g. clock configuration). The
information to do this is provided through default IFR data configuration files or it can
automatically be generated by the BlueNRG GUI IFR utility according to the hardware
configuration (e.g. crystals on the board).
1.1.2
Hot boot region
The hot boot region (HOT_ANA_CONFIG_TABLE) contains analog configurations that are
loaded every time the device comes out of sleep mode. This information is provided by
STMicroelectronics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com