Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1868 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM1868
Description  BlueNRG and BlueNRG-MS information register
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1868 Datasheet(HTML) 3 Page - STMicroelectronics

  UM1868 Datasheet HTML 1Page - STMicroelectronics UM1868 Datasheet HTML 2Page - STMicroelectronics UM1868 Datasheet HTML 3Page - STMicroelectronics UM1868 Datasheet HTML 4Page - STMicroelectronics UM1868 Datasheet HTML 5Page - STMicroelectronics UM1868 Datasheet HTML 6Page - STMicroelectronics UM1868 Datasheet HTML 7Page - STMicroelectronics UM1868 Datasheet HTML 8Page - STMicroelectronics UM1868 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
UM1868
Information register sector
DocID027570 Rev 1
3/19
1
Information register sector
The BlueNRG and BlueNRG-MS firmware stacks use a table of configurable parameters
which allows some key parameters of their devices to be properly configured. Such key
parameters include high-speed crystal time, low-speed crystal type, frequency and period,
and stack mode. The configurable parameters table resides in a sector of the Flash called
the information register (IFR).
Figure 1 and Figure 2 below show the Flash layouts of the BlueNRG and BlueNRG-MS
devices. Specific software such as the Updater, and the BlueNRG and BlueNRG-MS
firmware stacks are indicated in addition to the area where the IFR data are stored. The
IFR sector comprises 2 Kbytes of Flash memory and normally contains device
configuration parameters. However, since the configuration parameters use up only 192
bytes, the remainder of the IFR sector contains some code for the BlueNRG while it is left
empty (0xFFFFFFFF) for the BlueNRG-MS. The address of IFR sector is 0x10020000.
Figure 1: BlueNRG Flash layout
Figure 2: BlueNRG-MS Flash layout
Note: Only IFR data can be carefully configured. The user must not change the content of
all the other Flash regions outside the IFR data (except when a new valid firmware stack is
loaded).
BlueNRG firmware stack + IFR data (in FLASH2, 2 Kbytes)
BlueNRG firmware stack (in FLASH1, 62 Kbytes)
Updater (in FLASH1, 2 Kbytes)
BlueNRG-MS IFR data (in FLASH2, last 192 bytes)
BlueNRG-MS firmware stack (in FLASH1, 64 Kbytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com