Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD753012 Datasheet(PDF) 9 Page - NEC

Part # UPD753012
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753012 Datasheet(HTML) 9 Page - NEC

Back Button UPD753012 Datasheet HTML 5Page - NEC UPD753012 Datasheet HTML 6Page - NEC UPD753012 Datasheet HTML 7Page - NEC UPD753012 Datasheet HTML 8Page - NEC UPD753012 Datasheet HTML 9Page - NEC UPD753012 Datasheet HTML 10Page - NEC UPD753012 Datasheet HTML 11Page - NEC UPD753012 Datasheet HTML 12Page - NEC UPD753012 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
9
µPD753012, 753016, 753017
3.1 Port Pins (2/2)
Pin Name
Input/Output
Dual
Function
8-bit
At Reset
I/O Circuit
Function Pin
I/O
TYPE Note 1
P60
Input/Output
KR0
Input
F -A
P61
KR1
P62
KR2
P63
KR3
P70
Input/Output
KR4
Input
F -A
P71
KR5
P72
KR6
P73
KR7
BP0
Output
S24
×
Note 2
H-A
BP1
S25
BP2
S26
BP3
S27
BP4
Output
S28
BP5
S29
BP6
S30
BP7
S31
Notes 1.
Circled characters indicate the Schmitt-trigger input.
2.
For BP0 to BP7, VLC1 is selected as an input source.
The output levels differ depending on BP0 to BP7 and the external circuit of the VLC1.
Example BP0 to BP7 are connected each other internally in the
µPD753017 as shown below. Therefore, the
output levels of BP0 to BP7 are determined by the levels of R1, R2, and R3
Programmable 4-bit input/output port
(PORT6).
This port can be specified for input/output
bit-wise.
On-chip pull-up resistors can be specified
in software in 4-bit units.
4-bit input/output port (PORT7).
On-chip pull-up resistors can be specified
in software in 4-bit units.
1-bit output port (BIT PORT)
Also used for segment output pins.
VLC1
R1
BP1
R3
BP0
R2
VDD
ON
ON
PD753017
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com