Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD753012 Datasheet(PDF) 10 Page - NEC

Part # UPD753012
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753012 Datasheet(HTML) 10 Page - NEC

Back Button UPD753012 Datasheet HTML 6Page - NEC UPD753012 Datasheet HTML 7Page - NEC UPD753012 Datasheet HTML 8Page - NEC UPD753012 Datasheet HTML 9Page - NEC UPD753012 Datasheet HTML 10Page - NEC UPD753012 Datasheet HTML 11Page - NEC UPD753012 Datasheet HTML 12Page - NEC UPD753012 Datasheet HTML 13Page - NEC UPD753012 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
10
µPD753012, 753016, 753017
3.2 Pins Other than Port Pins (1/2)
Pin Name
Input/Output
Dual
Function
At Reset
I/O Circuit
Function Pin
TYPE Note 1
TI0
Input
P13
Inputs external event pulses to the timer/event
Input
B -C
TI1
P12/INT2
counter.
TI2
PTO0
Output
P20
Timer/event counter output
Input
E-B
PTO1
P21
PTO2
P22/PCL
PCL
P22/PTO2
Clock output
BUZ
P23
Any frequency output (for buzzer output
or system clock trimming)
SCK
Input/Output
P01
Serial clock input/output
Input
F -A
SO/SB0
P02
Serial data output
F -B
Serial bus data input/output
SI/SB1
P03
Serial data input
M -C
Serial bus data input/output
INT4
Input
P00
Edge detection vectored interrupt input (both
Input
B
rising edge and falling edge detection)
INT0
Input
P10
Input
B -C
INT1
P11
INT2
Input
P12/TI1/TI2
Edge-detection-testable input
Asynchronous
Input
B -C
KR0-KR3
Input
P60-P63
Falling edge detection testable input
Input
F -A
KR4-KR7
Input
P70-P73
Falling edge detection testable input
Input
F -A
S0-S23
Output
Segment signal output
Note 2
G-D
S24-S31
Output
BP0-BP7
Segment signal output
Note 2
H-A
COM0-COM3
Output
Common signal output
Note 2
G-B
VLC0-VLC2
LCD drive power
On-chip split resistor is enable (mask option).
BIAS
Output
Output for external split resistor disconnect
Note 3
LCDCL Note 4
Output
P30
Clock output for externally expanded driver
Input
E-B
SYNC Note 4
Output
P31
Clock output for externally expanded driver sync
Input
E-B
X1
Input
Crystal/ceramic connection pin for the main
X2
system clock oscillator. When inputting the
external clock, input the external clock to pin
X1, and the reverse phase of the external clock
to pin X2.
Notes 1.
Circled characters indicate the Schmitt trigger input.
2.
Each displays output selects the following VLCX as input source.
S0-S31: VLC1, COM0-COM2: VLC2, COM3: VLC0.
3.
When a split resistor is contained .......
Low level
When no split resistor is contained ......
High impedance
4.
These pins are provided for future system expansion. At present, these pins are used only as pins
P30 and P31.
Edge detection vectored
With noise eliminator
interrupt input (detection
asynchronous selection
edge can be selected)
possible
Noise eliminator can be
Asynchronous
selected. (Only P10/INT0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com