Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD78323LP Datasheet(PDF) 30 Page - NEC

Part # UPD78323LP
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78323LP Datasheet(HTML) 30 Page - NEC

Back Button UPD78323LP Datasheet HTML 26Page - NEC UPD78323LP Datasheet HTML 27Page - NEC UPD78323LP Datasheet HTML 28Page - NEC UPD78323LP Datasheet HTML 29Page - NEC UPD78323LP Datasheet HTML 30Page - NEC UPD78323LP Datasheet HTML 31Page - NEC UPD78323LP Datasheet HTML 32Page - NEC UPD78323LP Datasheet HTML 33Page - NEC UPD78323LP Datasheet HTML 34Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 86 page
background image
30
µPD78323, 78324
3.
BLOCK FUNCTIONS
3.1
BUS CONTROL UNIT (BCU)
In the BCU, the necessary bus cycle is started according to the physical address obtained by the execution unit (EXU).
If no bus cycle startup request is made from the EXU, a prefetch address is generated and instruction prefetch is carried
out. The prefetched instruction code is fetched into the instruction queue.
3.2
EXECUTION UNIT (EXU)
In the EXU, address calculation, arithmetic logical operation and data transfer are controlled by microprograms. A 256-
byte RAM is built in the EXU.
The 256-byte RAM in the EXU is accessible by the relevant instruction faster than peripheral RAM (768 bytes).
3.3
ROM/RAM
This block consists of a 32K-byte ROM and a 768-byte RAM. However, the
µPD78323 does not incorporate ROM.
ROM access can be disabled by EA pin.
3.4
INTERRUPT CONTROLLER
Various interrupt requests (NMI, INTP0 to INTP6) generated either externally or from the peripheral hardware are
processed by the context switch, vectored interrupt or macro service function.
The 3-level interrupt priority is also specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com