| Electronic Components Datasheet Search |
|
UPD78323LP Datasheet(PDF) 31 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD78323LP Datasheet(HTML) 31 Page - NEC |
|
31 / 86 page ![]() 31 µPD78323, 78324 3.5 PORT FUNCTIONS Table 3-1 lists the digital input/output ports. Each port can carry out many control operations including 8 and other bit data input/output operations. Table 3-1. Port Functions and Features Port Name Function Feature Remarks Specifiable bit-wise for input/output. Serves as RTP0 to RTP7 Also specifiable for realtime output port. and pins. Serves as NMI, INTP0 to INTP5, INTP6/TI and pins. Serves as TXD, RXD, Port 3 5-bit input/output Specifiable bit-wise for port pins or control pins. SO/SB0, SI/SB1, SCK and pins. Specifiable in 8-bit units for input or output. Port 4 8-bit input/output Functions as the multiplexed address/data bus (AD0 to –––––––– AD7) in the external memory expansion mode. Specifiable bit-wise for input or output. Functions as the address bus (A8 to A15) in the external Port 5 8-bit input/output memory expansion mode. –––––––– Pins which are not used as the address bus can be used as a port. Input port pin. Also functions as analog input to the Serves as AN0 to AN7 A/D converter. and pins. Functions as TO00 to Port 8 6-bit input/output Specifiable bit-wise for the port pin or control pin. TO03, TO10 to TO11 and pins. Specifiable bit-wise for input/output. P90 and P91 function as RD output and WR output, Port 9 4-bit input/output respectively, in the external memory expansion mode. –––––––– P92 and P93 function as TAS output and TMD output, respectively, in the high-speed fetch mode. Port 2 8-bit input Input port pin. Functions as an external interrupt input. Port 7 8-bit input Port 0 8-bit input/outpput |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |