Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN3016LSS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3016LSS
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3016LSS Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3016LSS Datasheet HTML 1Page - Diodes Incorporated DMN3016LSS Datasheet HTML 2Page - Diodes Incorporated DMN3016LSS Datasheet HTML 3Page - Diodes Incorporated DMN3016LSS Datasheet HTML 4Page - Diodes Incorporated DMN3016LSS Datasheet HTML 5Page - Diodes Incorporated DMN3016LSS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN3016LSS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
10.3
8.3
A
t<10s
TA = +25°C
TA = +70°C
ID
13.4
10.6
A
Continuous Drain Current (Note 6) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
9.3
7.3
A
t<10s
TA = +25°C
TA = +70°C
ID
12.0
9.5
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
2.5
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
80
A
Avalanche Current (Note 7) L = 0.1mH
IAS
22
A
Avalanche Energy (Note 7) L = 0.1mH
EAS
25
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
1.5
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
82
°C/W
t<10s
48
°C/W
Total Power Dissipation (Note 6)
PD
2.0
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
60
°C/W
t<10s
37
°C/W
Thermal Resistance, Junction to Case
RθJC
6.4
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to 150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
30
—
—
V
VGS = 0V, ID = 25
0μA
Zero Gate Voltage Drain Current
IDSS
—
—
1
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
1.3
—
2.5
V
VDS = VGS, ID = 250
μA
Static Drain-Source On-Resistance
RDS(ON)
—
8
12
m
Ω
VGS = 10V, ID = 12A
—
12
16
VGS = 4.5V, ID = 10A
Diode Forward Voltage
VSD
—
0.7
1.0
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
—
1415
—
pF
VDS = 15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
119
—
Reverse Transfer Capacitance
Crss
—
82
—
Gate resistance
Rg
—
2.6
3.2
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg
—
11.3
—
nC
VDS = 15V, ID = 12A
Total Gate Charge (VGS = 10V)
Qg
—
25.1
—
Gate-Source Charge
Qgs
—
3.5
—
Gate-Drain Charge
Qgd
—
3.6
—
Turn-On Delay Time
tD(on)
—
4.8
—
ns
VDD = 15V, VGS = 10V,
RL = 1.25
Ω, RG = 3Ω,
Turn-On Rise Time
tr
—
16.5
—
Turn-Off Delay Time
tD(off)
—
26.1
—
Turn-Off Fall Time
tf
—
5.6
—
Reverse Recovery Time
Trr
—
8.5
—
ns
IF = 12A, di/dt = 500A/µs
Reverse Recovery Charge
Qrr
—
7.0
—
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. UIS in production with L = 0.1mH, starting TA = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.
DMN3016LSS
Document number: DS36937 Rev.2 - 2
2 of 6
www.diodes.com
July 2014
© Diodes Incorporated



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com