Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN3016LSS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN3016LSS
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3016LSS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN3016LSS Datasheet HTML 1Page - Diodes Incorporated DMN3016LSS Datasheet HTML 2Page - Diodes Incorporated DMN3016LSS Datasheet HTML 3Page - Diodes Incorporated DMN3016LSS Datasheet HTML 4Page - Diodes Incorporated DMN3016LSS Datasheet HTML 5Page - Diodes Incorporated DMN3016LSS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN3016LSS
T , JUNCTION TEMPERATURE ( C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
J
°
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
I = 1mA
D
I = 250µA
D
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 8 Diode Forward Voltage vs. Current
0
5
10
15
20
25
30
0
0.2
0.4
0.6
0.8
1
1.2
T = 25°C
A
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 9 Typical Drain-Source Leakage Current vs. Voltage
0.1
1
10
100
1000
10000
0
10
20
30
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
10
100
1000
10000
0
2
4
6
8
10
12
14
16
18
20
f = 1MHz
C
iss
Coss
Crss
Q
(nC)
g, TOTAL GATE CHARGE
Figure 11 Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
V
= 15V
I=
A
DS
D
12
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 12 SOA, Safe Operation Area
DS
R
Limited
DS(on)
T
= 150°C
T = 25°C
V
= 10V
Single Pulse
J(max)
A
GS
DUT on 1 * MRP Board
0.01
0.1
1
10
100
0.1
1
10
100
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
DMN3016LSS
Document number: DS36937 Rev.2 - 2
4 of 6
www.diodes.com
July 2014
© Diodes Incorporated



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com