Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN3016LSS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN3016LSS
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3016LSS Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN3016LSS Datasheet HTML 1Page - Diodes Incorporated DMN3016LSS Datasheet HTML 2Page - Diodes Incorporated DMN3016LSS Datasheet HTML 3Page - Diodes Incorporated DMN3016LSS Datasheet HTML 4Page - Diodes Incorporated DMN3016LSS Datasheet HTML 5Page - Diodes Incorporated DMN3016LSS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN3016LSS
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0
5
10
15
20
25
30
0
0.5
1
1.5
2
V
= 2.2V
GS
V
= 2.5V
GS
V
= 3.0V
GS
V
= 4.5V
GS
V
= 10V
GS
V
= 4.0V
GS
V
= 3.5V
GS
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
3.5
4
V
= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
0
0.01
0.02
0.03
0
5
10
15
20
25
30
V
= 4.5V
GS
V
= 10V
GS
I , DRAIN CURRENT (A)
D
Figure 4 Typical On-Resistance vs.
Drain Current and Temperature
0
0.005
0.01
0.015
0.02
0.025
0.03
0
5
10
15
20
25
30
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
T , JUNCTION TEMPERATURE ( C)
Figure 5 On-Resistance Variation with Temperature
J
°
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
V
=V
I = 10A
GS
D
10
V=
V
I = 5A
GS
D
4.5
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
°
0
0.004
0.008
0.012
0.016
0.02
0.024
-50
-25
0
25
50
75
100
125
150
V
= 4.5V
I = 5A
GS
D
V
=V
I = 10A
GS
D
10
DMN3016LSS
Document number: DS36937 Rev.2 - 2
3 of 6
www.diodes.com
July 2014
© Diodes Incorporated



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com