Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRF7MS2907 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7MS2907
Description  Avalanche Energy Ratings
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7MS2907 Datasheet(HTML) 2 Page - International Rectifier

  IRF7MS2907 Datasheet HTML 1Page - International Rectifier IRF7MS2907 Datasheet HTML 2Page - International Rectifier IRF7MS2907 Datasheet HTML 3Page - International Rectifier IRF7MS2907 Datasheet HTML 4Page - International Rectifier IRF7MS2907 Datasheet HTML 5Page - International Rectifier IRF7MS2907 Datasheet HTML 6Page - International Rectifier IRF7MS2907 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRF7MS2907
2
www.irf.com
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
—
—
0.6
°C/W
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ
Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
—
—
45*
ISM
Pulse Source Current (Body Diode) ➀
—
—
180
VSD
Diode Forward Voltage
—
—
1.0
V
Tj = 25°C, IS = 45A, VGS = 0V ➃
trr
Reverse Recovery Time
—
—
175
ns
Tj = 25°C, IF = 45A, di/dt ≤ 100A/µs
QRR
Reverse Recovery Charge
—
—
850
nC
VDD ≤ 25V ➃
ton
Forward Turn-On Time Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
* Current is limited by package
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
75
—
—
V
VGS = 0V, ID = 250µA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
—
0.087
—
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
—
—
0.0055
Ω
VGS = 10V, ID = 45A
Resistance
VGS(th)
Gate Threshold Voltage
2.0
—
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
70
—
—
S ( )
VDS > 15V, IDS = 45A ➃
IDSS
Zero Gate Voltage Drain Current
—
—
20
VDS= 75V ,VGS=0V
—
—
250
VDS = 60V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
—
—
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
—
—
-100
VGS = -20V
Qg
Total Gate Charge
—
—
375
VGS = 10V, ID = 45A
Qgs
Gate-to-Source Charge
—
—
60
nC
VDS = 60V
Qgd
Gate-to-Drain (‘Miller’) Charge
—
—
150
td(on)
Turn-On Delay Time
—
—
40
VDD = 38V, ID = 45A
tr
Rise Time
—
—
135
VGS = 10V, RG = 1..2Ω
td(off)
Turn-Off Delay Time
—
—
175
tf
Fall Time
—
—
75
LS + LD
Total Inductance
—
6.8
—
Measured from Drain lead (6mm /0.25in.
from package) to Source lead (6mm /0.25in.
from package) with Source wires internally
bonded from Source Pin to Drain Pad
Ciss
Input Capacitance
—
12060
—
VGS = 0V, VDS =25V
Coss
Output Capacitance
—
2280
—
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
—
605
—
nA
➃
nH
ns
µA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com