Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRF7MS2907 Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7MS2907
Description  Avalanche Energy Ratings
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7MS2907 Datasheet(HTML) 4 Page - International Rectifier

  IRF7MS2907 Datasheet HTML 1Page - International Rectifier IRF7MS2907 Datasheet HTML 2Page - International Rectifier IRF7MS2907 Datasheet HTML 3Page - International Rectifier IRF7MS2907 Datasheet HTML 4Page - International Rectifier IRF7MS2907 Datasheet HTML 5Page - International Rectifier IRF7MS2907 Datasheet HTML 6Page - International Rectifier IRF7MS2907 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IRF7MS2907
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
0
4000
8000
12000
16000
20000
V
, Drain-to-Source Voltage (V)
DS

V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd

Ciss

Coss

Crss
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VSD , Source-to-Drain Voltage (V)
0.1
1
10
100
1000
VGS = 0V
TJ = 150°C
TJ = 25°C
0.1
1
10
100
1000
VDS , Drain-toSource Voltage (V)
1
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
1ms
1
0ms
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µs
0
100
200
300
400
500
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G


FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
45A

V
= 15V
DS
V
= 37V
DS
V
= 60V
DS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com