Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCG52IG Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # SCG52IG
Description  Synchronous Clock Generators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG52IG Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  SCG52IG Datasheet HTML 1Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 2Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 3Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 4Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 5Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 6Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 7Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 8Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Application
The Connor-Winfield SCG52IG Series
provides high precision phase lock loop
frequency translation for the
telecommunication applications.
SCG52IG Series is well suited for use in
line cards, service termination cards and
similar functions to provide reliable
reference, phase locked, synchronization
for TDM, PDH, SONET and SDH network
equipment. The SCG52IG Series provides
a jitter filtered, wander following output
signal sychronized to a superior Stratum or
peer input reference signal.
This product is compliant with all ROHS
specifications and is rated for industrial
temperature operating range. (-40° - 85°C)
Features
Automatic Free Run
upon Loss of Both
References
Dual Input
References
3.3V High Precision
PLL
Tri-State Capability
Active Low Alarm
Guaranteed Free
Run ±20ppm
1 sec. Acquisition
Time
1 CMOS Output
3 LVPECL Outputs
Industrial Temp
Operating Range
ROHS Compliant
SCG52IG
Synchronous Clock
Generators
PLL
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851-4722
Fax: 630- 851- 50 40
www.conwin.com
Bulletin
SG116
Page
1 of 14
Revision
01
Date
15 NOV 07
Issued By
MBatts


Similar Part No. - SCG52IG

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG52 CONNOR-WINFIELD-SCG52 Datasheet
650Kb / 14P
Synchronous Clock Generators
More results

Similar Description - SCG52IG

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG102A CONNOR-WINFIELD-SCG102A Datasheet
220Kb / 8P
Synchronous Clock Generators
SCG2000 CONNOR-WINFIELD-SCG2000 Datasheet
523Kb / 20P
Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
Synchronous Clock Generators
SCG2500 CONNOR-WINFIELD-SCG2500 Datasheet
893Kb / 10P
Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
381Kb / 16P
Synchronous Clock Generators
SCG4500 CONNOR-WINFIELD-SCG4500 Datasheet
2Mb / 16P
Synchronous Clock Generators
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
387Kb / 16P
Synchronous Clock Generators
SCG4001 CONNOR-WINFIELD-SCG4001 Datasheet
334Kb / 12P
Synchronous Clock Generators
SFX-200G CONNOR-WINFIELD-SFX-200G Datasheet
141Kb / 8P
Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com