Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCG52IG Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # SCG52IG
Description  Synchronous Clock Generators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG52IG Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  SCG52IG Datasheet HTML 1Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 2Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 3Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 4Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 5Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 6Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 7Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 8Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Data Sheet #: SG116
Page 2 of 14
Rev: 01
Date: 1/15/07
© Copyright 2007 The Connor-Winfield Cor p. All Rights Reserved Specifications subject to c hange without notice
Features
Table 1
Parameter
Specifications
Notes
Input Logic
CMOS
Input Frequency Range
8 kHz - 176 MHz
Alar ms
Active Low, Combined LOR/LOL
VCXO Output Logic Type
LVPECL (3x)
Reference Output Logic Type
CMOS (1x)
Package
FR4 SM 1.35" x 1.0" x 0.40"
General Description
The SCG52IG Series is a dual input, phase locked loop
generating LVPECL outputs from an intrinsically low jitter
voltage controlled crystal oscillator. The LVPECL and
CMOS outputs may be disabled.
The unit has an acquisition time of about 1 second and
it is tolerant of different reference duty cycles .
Fur ther features include a combined LOL/LOR alar m
output for Loss-of-Reference (LOR) and Loss-of-Lock
(LOL). When both references are lost , the SCG52IG will
indicate an alarm and will automatically enter Free Run,
which will guarantee a 20 ppm accurate output. The
SCG52IG will remain in Free Run until a valid
reference is detected on either input. Additionally the
Free Run mode may be entered manually.
The alarms and reference output may be put into
the tri-state high impedance condition for external
testing purposes.
The maximum package dimensions are 1.35” x 1.0”
x 0.40” on a 6 layer FR4 board with castellated pins.
Parts are assembled using high temperature solder to
withstand 221° C surface mount reflow processes.
Functional Block Diagram
Figure 1
Divider
Divider
Alarm
Detection
Analog
Filter
Free Run
Control
Buffer/
Divider
VCXO
Alarm Output
(Pin 1)
Reference A
(Pin 2)
Reference B
(Pin 4)
Control 2
(Pin 20)
Control 1
(Pin 19)
Y0
(Pin 11)
Y0
(Pin 12)
Y1
(Pin 9)
Y1
(Pin 10)
Y2
(Pin 5)
Y2
(Pin 6)
Y3
(Pin 15)
10 k
Ω
10 k
Ω
33
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com