Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCG52IG Datasheet(PDF) 10 Page - Connor-Winfield Corporation

Part # SCG52IG
Description  Synchronous Clock Generators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG52IG Datasheet(HTML) 10 Page - Connor-Winfield Corporation

Back Button SCG52IG Datasheet HTML 6Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 7Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 8Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 9Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 10Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 11Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 12Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 13Page - Connor-Winfield Corporation SCG52IG Datasheet HTML 14Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Data Sheet #: SG116
Page 10 of 14
Rev: 01
Date: 1/15/07
© Copyright 2007 The Connor-Winfield Cor p. All Rights Reserved Specifications subject to c hange without notice
Recommended PECL Termination
Figure 10
50
SCG52IG
LVPECL
OUTPUT
Q
QN
Vcc
GND
50
Ω Transmission Line
3.3 VDC
82
50
Ω Transmission Line
LVPECL
INPUT
D
DN
Vcc
GND
3.3 VDC
SCG52IG
LVPECL
OUTPUT
Q
QN
Vcc
GND
LVPECL
INPUT
D
DN
Vcc
GND
50
130
82
3.3 VDC
LVPECL
INPUT
D
DN
Vcc
GND
3.3 VDC
50
Ω Transmission Line
3.3 VDC
50
Ω Transmission Line
3.3 VDC
SCG52IG
LVPECL
OUTPUT
Q
QN
Vcc
GND
Vcc - 2 VDC
Vcc - 2 VDC
100
50
Ω Transmission Line
50
Ω Transmission Line
130
3.3 VDC
150
150
If PECL outputs do not drive a long line (< 0.5”),
a single 150
Ω termination resistor to ground may be used for each pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com