Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STC5423 Datasheet(PDF) 13 Page - Connor-Winfield Corporation

Part # STC5423
Description  Synchronous Clock for SETS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5423 Datasheet(HTML) 13 Page - Connor-Winfield Corporation

Back Button STC5423 Datasheet HTML 9Page - Connor-Winfield Corporation STC5423 Datasheet HTML 10Page - Connor-Winfield Corporation STC5423 Datasheet HTML 11Page - Connor-Winfield Corporation STC5423 Datasheet HTML 12Page - Connor-Winfield Corporation STC5423 Datasheet HTML 13Page - Connor-Winfield Corporation STC5423 Datasheet HTML 14Page - Connor-Winfield Corporation STC5423 Datasheet HTML 15Page - Connor-Winfield Corporation STC5423 Datasheet HTML 16Page - Connor-Winfield Corporation STC5423 Datasheet HTML 17Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Page 13 of 60
TM114
Rev:1.4
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5423
Synchronous Clock for SETS
Data sheet
Clock Output Jitter
Note 2: Filter bandwidth is from 12kHz to Frequency/2
Table 6: Clock Output Jitter
Clock Output
Frequency
RMS jitter2
(Typical)
pk-pk jitter2 (10-12)
(Typical)
(MHz)
(ps)
(ps)
(UI)
CLK1/CLK2
(LVPECL/LVDS)
156.25
13
210
0.03
155.52
13
210
0.03
125
13
210
0.03
77.76
13
210
0.02
CLK3~CLK7
(LVCMOS)
77.76
19
330
0.03
38.88
16.5
280
0.01
19.44
15
230
0.005
25
13
180
0.005
2.048
11
180
0.0004
1.544
11
160
0.0003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com