Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STC5423 Datasheet(PDF) 21 Page - Connor-Winfield Corporation

Part # STC5423
Description  Synchronous Clock for SETS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5423 Datasheet(HTML) 21 Page - Connor-Winfield Corporation

Back Button STC5423 Datasheet HTML 17Page - Connor-Winfield Corporation STC5423 Datasheet HTML 18Page - Connor-Winfield Corporation STC5423 Datasheet HTML 19Page - Connor-Winfield Corporation STC5423 Datasheet HTML 20Page - Connor-Winfield Corporation STC5423 Datasheet HTML 21Page - Connor-Winfield Corporation STC5423 Datasheet HTML 22Page - Connor-Winfield Corporation STC5423 Datasheet HTML 23Page - Connor-Winfield Corporation STC5423 Datasheet HTML 24Page - Connor-Winfield Corporation STC5423 Datasheet HTML 25Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Page 21 of 60 TM114 Rev: 1.4
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5423
Synchronous Clock for SETS
Functional Specification
Data sheet
disqualify the reference. It may then be re-qualified if
the activity alarm is off and the reference is within the
qualification range for more than the qualification
time.
The reference qualification status of each reference
may then be read from the register Ref Qual.
Figure 3: Reference Qualification Scheme
Automatic Reference Election Mechanism
The STC5423 has an auto reference elector always
elect the most appropriate candidate input from the
reference inputs according to the revertivity status,
and each reference’s priority and qualification. This
mechanism operates independent of reference selec-
tion mode. In other word, regardless what the current
reference selection mode is, the auto reference elec-
tor always work in this mechanism. The detail
description of the reference selection mode is in fol-
lowing sections.
The reference priority is indicated in the reference pri-
ority table which is shown in the register Priority
Table individually for each timing generator. Each ref-
erence has one entry in the table, which may be set to
value from 0 to 15. ‘0’ revokes the reference from the
election, while 1 to 15 set the priority, where ‘1’ has
the highest and ‘15’ has the lowest priority. The high-
est priority pre-qualified reference then is a candidate
reference input selected by the automatic reference
elector. If multiple references share the same priority,
the one that has been qualified for the longest time
will be elected. If the current highest priority reference
input fails, the next-highest priority reference is
elected.
Activity
Not Good
Activity
Good
Qualified
Activity Alarm
Asserted
Activity Alarm
Asserted
Activity Alarm
De-Asserted
Out of Disqualification Range
Within Offset Qualification
Range for more than
Qualification soaking Time
Continuously
In order to avoid disturbance of the clock output, the
candidate reference elected by automatic reference
elector should be handled in two different mode:
revertive mode and non-revertive mode. The mode is
determined by either enabling or disabling the “rever-
tive” bit of the register Control Mode to “1” for rever-
tive or to “0” for non-revertive operation.
In revertive mode, the automatic reference elector will
pre-empted the current elected reference if the new
reference has higher priority.
In non-revertive mode, the current elected reference
will not be pre-empted by any new reference until it is
disqualified.
If there is no elected reference available, freerun or
holdover will be elected by the automatic reference
elector depending on the holdover history availability.
Figure 4 shows the operation states for automatic ref-
erence elector.
Automatic Reference Selection
The T0 and T4 timing generators may be individually
operated in automatic input reference selection
mode. The mode is selected at the register Control
Mode.
In automatic reference selection mode, the selected
reference is the same reference elected by the auto-
matic reference elector. The automatically selected
reference for each PLL may be read from the register
Auto Select
Figure 4: Automatic Reference Elector States
Elect
Freerun
Elect
Holdover
Candidate
No Candidate
Reference
Candidate
Reference
Available and
Elect
HO not Available
Reference
Available
Candidate
Available
Reference
No Candidate
Reference
Available and
HO is Available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com