Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STC5423 Datasheet(PDF) 39 Page - Connor-Winfield Corporation

Part # STC5423
Description  Synchronous Clock for SETS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5423 Datasheet(HTML) 39 Page - Connor-Winfield Corporation

Back Button STC5423 Datasheet HTML 35Page - Connor-Winfield Corporation STC5423 Datasheet HTML 36Page - Connor-Winfield Corporation STC5423 Datasheet HTML 37Page - Connor-Winfield Corporation STC5423 Datasheet HTML 38Page - Connor-Winfield Corporation STC5423 Datasheet HTML 39Page - Connor-Winfield Corporation STC5423 Datasheet HTML 40Page - Connor-Winfield Corporation STC5423 Datasheet HTML 41Page - Connor-Winfield Corporation STC5423 Datasheet HTML 42Page - Connor-Winfield Corporation STC5423 Datasheet HTML 43Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Page 39 of 60
TM114
Rev:1.4
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5423
Synchronous Clock for SETS
Data sheet
SRCSW_States, 0x1E (R)
Indicates status of pin SRCSW.
0 = Low, 1 = High
T0/T4_Tag_Select, 0x1F (R/W)
Selects between timing generator T0 and T4 for the sharing registers 0x20~0x3F.
0 = T0; 1 = T4
Default value: 0
Control_Mode, 0x20 (R/W)
Mode control bits for individual timing generator. Select between timing generator T0 and T4 at the register T0/
T4_Tag_select (0x1F).
Phase_Align (T0 timing generator only)
Determines the phase relationship is arbitrary or frame phase align.
0 = Arbitrary; 1 = Align (Frame phase align is only enabled when frequency of reference input is at
8kHz)
Internal Test
0 = Normal operation; 1 = Reserved
HO_Usage
Determines which holdover history is used.
0 = Device Holdover History (DHH); 1 = User specified history
Revertive
Selects the revertive mode or non-revertive mode of the auto-elector.
0 = Non-revertive; 1 = Revertive
Ref_Sel_Mode
Determines reference selection mode.
0 = Manual; 1 = Auto
This bit may be overridden by bit Hard_Wired_Switch of this register.
OOP
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x1E
Not used
Pin Status
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x1F
Not used
Tag_Select
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x20
Hard_Wired_Switch
Reserved
OOP
Ref_Sel_Mode
Revertive
HO_Usage
Internal Test
Phase_ Align



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com