Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX532BC/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX532BC/D
Description  Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX532BC/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX532BC/D Datasheet HTML 7Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 9Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 10Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 11Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 12Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 13Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 14Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
With the values of tRC given in Table 1, tCSS0 is always
given by tDV + tDS. For different values of R or C, tRC
must be calculated to determine tCSS0.
Additionally, the maximum clock frequency is limited to
1
fCLK (max) =
————————————— .
2 x (tDO + tRC -15ns + tDS)
For example, with tRC = 15ns (5V ±10% supply with
1k
Ω pull-up), the maximum clock frequency is 2MHz.
Digital-to-Analog Section
Figure 8 shows a simplified circuit diagram for one of
the DACs and the output amplifier.
A segmented scheme is used to improve linearity,
whereby the two MSBs of the 12-bit data word are
decoded to drive the three switches, SA, SB, and SC.
The remaining ten bits drive the switches S0 through S9
in a standard R-2R ladder configuration.
Each of the switches, SA, SB, and SC, steers 1/4 of the
total reference current with the remaining 1/4 passing
through the R-2R section.
The output amplifier and feedback resistor perform the
current-to-voltage conversion, giving the following:
VOUT_ = -D x VREF_,
where _ denotes A or B, and D is the fractional representa-
tion of the digital word. (D can be set from 0 to 4095/4096.)
Dual, Serial-Input,
Voltage-Output, 12-Bit MDAC
______________________________________________________________________________________
11
VPULL-UP (V)
C (pF)
RP (kΩ)tRC (ns)
4.5
20
1
15
4.5
35
1
27
4.5
50
1
38
4.5
100
1
76
4.5
150
1
114
11.4
20
3
14
11.4
35
3
25
11.4
50
3
35
11.4
100
3
71
11.4
150
3
106
13.5
20
3
12
13.5
35
3
21
13.5
50
3
29
13.5
100
3
59
13.5
150
3
88
Table 1. tRC Delay Times
RR
R
2R
2R
2R
2R
2R
2R
2R
SC
SB
SA
S9
S8
S0
R/2
RFB_
VOUT_
AGND_
SHOWN FOR ALL 1s ON DAC
VREF_
Figure 8. Simplified D/A Circuit Diagram
DACA
AGNDA
VSS
DGND
RFBA
VOUTA
VOUT
VIN
-12V to -15V
VDD
VREFA
+12V to +15V
MAX532
Figure 9. Unipolar Binary Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com