Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX532BC/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX532BC/D
Description  Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX532BC/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX532BC/D Datasheet HTML 1Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 2Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 3Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 4Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 5Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 6Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 7Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Dual, Serial-Input,
Voltage-Output, 12-Bit MDAC
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 11.4V to 16.5V, VSS = -11.4V to -16.5V, AGNDA = AGNDB = DGND = 0V, VREFA and VREFB = +10V, RL = 2kΩ, CL = 100pF,
VOUT_ connected to RFB_, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SYMBOL
VREF = 100mVp-p sine wave;
DAC latch loaded with all 1s
1.0
MHz
VREF = 20Vp-p 10kHz sine wave;
DAC latch loaded with all 0s
-77
dB
Full-Power Bandwidth
125
kHz
THD
Total Harmonic Distortion
-90
dB
Output Noise Voltage
0.1Hz to 10Hz
2
µVRMS
Digital Crosstalk
DACA code all 1s, DACB code transition from all 0s to all 1s
10
nV-s
Digital Feedthrough
CS = 1; transitions on SCLK, LDAC, DIN
1.1
nV-s
PARAMETER
tCL
CONDITIONS
MIN
TYP
MAX
SCLK Pulse Width Low
UNITS
SYMBOL
fCLK
tCH
80
ns
tDS
50
ns
tCSS1
CS Rise to SCLK Rise Setup Time
SCLK Clock Frequency
50
ns
tCSS0
CS Fall to SCLK Rise Setup Time
6.25
MHz
50
ns
tDH
DIN to SCLK Rise Hold Time
0
ns
SCLK Pulse Width High
80
ns
Multiplying Feedthrough
Error
Unity-Gain Small-Signal
Bandwidth
VREF = 20Vp-p sine wave;
DAC latch loaded with all 1s
VREF = 6VRMS, 1kHz sine wave;
DAC latch loaded with all 1s
Note 1: Static performance tested at VDD = +15V, VSS = -15V. Performance over supplies guaranteed by PSR test.
Note 2: Guaranteed by design. Not subject to production testing.
Note 3: Open-drain output.
TIMING CHARACTERISTICS
(VDD = 11.4V to 16.5V, VSS = -11.4V to -16.5V, AGNDA = AGNDB = DGND = 0V) (Notes 4, 5)
tCSH0
SCLK Fall to
CS Fall Hold Time
5
ns
tCSH1
SCLK Rise to
CS Rise Hold Time
80
ns
tCSW
CS Pulse Width High
120
ns
tDO
SCLK Fall to DOUT Valid (Note 6)
CL = 20pF, RPULL-UP = 1kΩ to 5V
0
200
ns
tDV
CS Fall to DOUT Enable (Note 7)
CL = 20pF, RPULL-UP = 1kΩ to 5V
100
ns
tTR
CS Rise to DOUT Disable (Note 7)
CL = 20pF, RPULL-UP = 1kΩ to 5V
60
ns
tLDAC
LDAC Pulse Width Low
60
ns
tLDACS
CS Rise to LDAC Fall Setup Time
100
ns
DIN to SCLK Rise Setup Time
Note 4: All input signals are specified with tR = tF ≤ 5ns. Logic input swing is 0V to 5V.
Note 5: See Figure 1.
Note 6: Timing is for SCLK fall to DOUT fall to 0.8V, or for SCLK fall to DOUT rise to 2.4V. Additional time must be added for any
larger passive RC pull-up delay.
Note 7: DOUT enable: DOUT falls to 4.5V from 5.0V. DOUT disable: DOUT rises to 0.5V from 0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com