Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX532BC/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX532BC/D
Description  Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX532BC/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX532BC/D Datasheet HTML 1Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 2Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 3Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 4Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 5Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 6Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 7Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX532BC/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Dual, Serial-Input,
Voltage-Output, 12-Bit MDAC
_________________________________________________________________________________________________
5
25
0
10
1k
10k
OUTPUT VOLTAGE SWING
vs. RESISTIVE LOAD
10
20
LOAD RESISTANCE (
Ω)
100
15
5
VREF = 20Vp-p at 1kHz
0
10
100k
NOISE SPECTRAL DENSITY
100
300
FREQUENCY (Hz)
200
100
1k
10k
VREF = 0V
DAC CODE = 11...111
GAIN = -1
5
-40
100
10k
10M
LARGE-SIGNAL FREQUENCY RESPONSE
FREQUENCY (Hz)
-5
0
-10
-15
-30
1k
100k
1M
VREF = 20Vp-p
DAC CODE = 11...111
GAIN = -1
-20
-25
-35
5
-25
100
10k
10M
SMALL-SIGNAL FREQUENCY RESPONSE
FREQUENCY (Hz)
-5
0
-10
-15
-20
1k
100k
1M
VREF = 100mVp-p
DAC CODE = 11...111
-35
-85
1k
100k
MULTIPLYING FEEDTHROUGH ERROR
-75
FREQUENCY (Hz)
-65
-50
-45
-40
-55
-60
-70
-80
10k
1M
VREFA = 20Vp-p
VREFB = AGNDB
DAC CODE = 00...00
-94
-106
100
1k
10k
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY (BANDWIDTH = 80kHz)
-102
FREQUENCY (Hz)
-100
-98
-96
-104
VREF = 6VRMS
DAC CODE = 111...111
-60
-100
100
10k
100k
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY (BANDWIDTH > 500kHz)
-75
-65
FREQUENCY (Hz)
1k
-70
-90
-80
-85
-95
VREF = 6VRMS
DAC CODE = 111...111
__________________________________________Typical Operating Characteristics
(VDD = 15V, VSS = -15V, RL = 2kΩ, CL = 100pF, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com