Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3200MODR1M2AMOBT Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # CC3200MODR1M2AMOBT
Description  CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3200MODR1M2AMOBT Datasheet(HTML) 47 Page - Texas Instruments

Back Button CC3200MODR1M2AMOBT Datasheet HTML 43Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 44Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 45Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 46Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 47Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 48Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 49Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 50Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
CC3200MOD
www.ti.com
SWRS166 – DECEMBER 2014
5.8.1.1
SRAM
The CC3200 family provides up to 256KB of zero-wait-state, on-chip SRAM. Internal RAM is capable of
selective retention during LPDS mode. This internal SRAM is located at offset 0x2000 0000 of the device
memory map.
Use the µDMA controller to transfer data to and from the SRAM.
When the device enters low-power mode, the application developer can choose to retain a section of
memory based on need. Retaining the memory during low-power mode provides a faster wakeup. The
application developer can choose the amount of memory to retain in multiples of 64KB. For more
information, see the API guide.
5.8.1.2
ROM
The internal zero-wait-state ROM of the CC3200 device is at address 0x0000 0000 of the device memory
and programmed with the following components:
•
Bootloader
•
Peripheral driver library (DriverLib) release for product-specific peripherals and interfaces
The bootloader is used as an initial program loader (when the serial flash memory is empty). The CC3200
DriverLib software library controls on-chip peripherals with a bootloader capability. The library performs
peripheral initialization and control functions, with a choice of polled or interrupt-driven peripheral support.
The DriverLib APIs in ROM can be called by applications to reduce flash memory requirements and free
the flash memory to be used for other purposes.
5.8.1.3
Memory Map
Table 5-5 describes the various MCU peripherals and how they are mapped to the processor memory. For
more information on peripherals, see the API document.
Table 5-5. Memory Map
START ADDRESS
END ADDRESS
DESCRIPTION
COMMENT
0x0000 0000
0x0007 FFFF
On-chip ROM (Bootloader + DriverLib)
0x2000 0000
0x2003 FFFF
Bit-banded on-chip SRAM
0x2200 0000
0x23FF FFFF
Bit-band alias of 0x2000 0000 through 0x200F FFFF
0x4000 0000
0x4000 0FFF
Watchdog timer A0
0x4000 4000
0x4000 4FFF
GPIO port A0
0x4000 5000
0x4000 5FFF
GPIO port A1
0x4000 6000
0x4000 6FFF
GPIO port A2
0x4000 7000
0x4000 7FFF
GPIO port A3
0x4000 C000
0x4000 CFFF
UART A0
0x4000 D000
0x4000 DFFF
UART A1
0x4002 0000
0x400 07FF
I2C A0 (Master)
0x4002 0800
0x4002 0FFF
I2C A0 (Slave)
0x4003 0000
0x4003 0FFF
General-purpose timer A0
0x4003 1000
0x4003 1FFF
General-purpose timer A1
0x4003 2000
0x4003 2FFF
General-purpose timer A2
0x4003 3000
0x4003 3FFF
General-purpose timer A3
0x400F 7000
0x400F 7FFF
Configuration registers
0x400F E000
0x400F EFFF
System control
0x400F F000
0x400F FFFF
µDMA
0x4200 0000
0x43FF FFFF
Bit band alias of 0x4000.0000 through 0x400F.FFFF
0x4401 C000
0x4401 EFFF
McASP
Copyright © 2014, Texas Instruments Incorporated
Detailed Description
47
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com