Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3200MODR1M2AMOBT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC3200MODR1M2AMOBT
Description  CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3200MODR1M2AMOBT Datasheet(HTML) 2 Page - Texas Instruments

  CC3200MODR1M2AMOBT Datasheet HTML 1Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 2Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 3Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 4Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 5Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 6Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 7Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 8Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
CC3200MOD
SWRS166 – DECEMBER 2014
www.ti.com
1.2
Applications
•
Internet of Things (IoT)
•
Internet Gateway
•
Cloud Connectivity
•
Industrial Control
•
Home Automation
•
Smart Plug and Metering
•
Home Appliances
•
Wireless Audio
•
Access Control
•
IP Network Sensor Nodes
•
Security Systems
•
Wearables
•
Smart Energy
1.3
Description
Start your design with the industry’s first programmable FCC, IC, CE, and Wi-Fi Certified Wireless
microcontroller (MCU) module with built-in Wi-Fi connectivity. Created for the Internet of Things (IoT), the
SimpleLink CC3200MOD is a wireless MCU module that integrates an ARM Cortex-M4 MCU, allowing
customers to develop an entire application with a single device. With on-chip Wi-Fi, Internet, and robust
security protocols, no prior Wi-Fi experience is required for faster development. The CC3200MOD
integrates all required system-level hardware components including clocks, SPI flash, RF switch, and
passives into an LGA package for easy assembly and low-cost PCB design. The CC3200MOD is provided
as a complete platform solution including software, sample applications, tools, user and programming
guides, reference designs, and the TI E2E™ support community
The applications MCU subsystem contains an industry-standard ARM Cortex-M4 core running at 80 MHz.
The device includes a wide variety of peripherals, including a fast parallel camera interface, I2S, SD/MMC,
UART, SPI, I2C, and four-channel ADC. The CC3200 family includes flexible embedded RAM for code
and data; ROM with external serial flash bootloader and peripheral drivers; and SPI flash for Wi-Fi network
processor service packs, Wi-Fi certificates, and credentials.
The Wi-Fi network processor subsystem features a Wi-Fi Internet-on-a-chip™ and contains an additional
dedicated ARM MCU that completely off-loads the applications MCU. This subsystem includes an 802.11
b/g/n radio, baseband, and MAC with a powerful crypto engine for fast, secure Internet connections with
256-bit encryption. The CC3200MOD supports station, access point, and Wi-Fi Direct™ modes. The
device also supports WPA2 personal and enterprise security and WPS 2.0. The Wi-Fi Internet-on-a-chip
includes embedded TCP/IP and TLS/SSL stacks, HTTP server, and multiple Internet protocols. The
power-management subsystem includes integrated DC-DC converters supporting a wide range of supply
voltages. This subsystem enables low-power consumption modes, such as the hibernate with RTC mode
requiring less than 7
μA of current.
Table 1-1. Module Information(1)
PART NUMBER
PACKAGE
BODY SIZE
CC3200MODR1M2AMOB
MOB (63)
20.5 mm × 17.5 mm
(1)
For more information, see Section 9, Mechanical Packaging and Orderable Information.
2
Module Overview
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com