Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3200MODR1M2AMOBT Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # CC3200MODR1M2AMOBT
Description  CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3200MODR1M2AMOBT Datasheet(HTML) 49 Page - Texas Instruments

Back Button CC3200MODR1M2AMOBT Datasheet HTML 45Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 46Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 47Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 48Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 49Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 50Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 51Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 52Page - Texas Instruments CC3200MODR1M2AMOBT Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
M4PowerON
EnableClktoM4,Release
ResettoM4
CortexLoadsthePCwithcontentsof
0x4location,whichisinROMandpart
ofBootCode.
Device-Init
done?
ExecuteDeviceInit
(FromSecureROM)
Clear
Device-Init-Done
SOP=UARTLOAD
Invoke
downloader
Downloadthecodeusing
SLProgrammerandjump
totheapplication
InfiteLoop
Valid Appscodein
SFLASH?
no
yes
SWAS032-012
BootMode=
(Fn2WJorFn4WJ)
(SeeNote.)
BootMode=LDfrUART
(SeeNote.)
yes
no
no
yes
Jumptotheusercode.
CC3200MOD
www.ti.com
SWRS166 – DECEMBER 2014
Note: For definitions of the SoP mode functional configurations, see Table 5-6.
Figure 5-3. Bootloader Flow Chart
5.9.2
Invocation Sequence/Boot Mode Selection
The following sequence of events occur during the Cortex processor boot:
1. After power-on-reset (POR), the processor starts execution.
2. The processor jumps to the first few lines (FFL) of code in the ROM to determine if the current boot is
the first device-init boot or the second MCU boot. The determination is based on the Device-Init flag in
a secure register. The Device-Init flag is set out of POR. The registers in the secure region are
accessible only in the device-init mode.
3. If the current boot is the first boot, the processor executes the device-init code from ROM.
4. At the end of the boot, the processor clears the Device-Init flag and changes the master ID of the
processor and the DMA. These registers are part of the secure region.
5. The processor resets itself, initiating a second boot.
6. During the second boot, the processor rereads the Device-Init flag, the bit is cleared, and the
processor obtains a different master ID.
7. After executing FFL and the unsecure boot code, the processor jumps to the developer code
(application).
8. For the rest of the operation (until the next power cycle), the Cortex mode is designated the MCU.
During this phase, access to the secure region is restricted.
5.9.3
Boot Mode List
The CC3200 device implements a sense-on-power (SoP) scheme to determine the device operation
mode. The device can be configured to power up in one of the three following modes:
•
Fn4WJ: Functional mode with a 4-wire JTAG mapped to fixed pins.
•
Fn2WJ: Functional mode with a 2-wire SWD mapped to fixed pins.
•
LDfrUART: UART load mode to flash the system during development and in OEM assembly line (for
example, serial flash connected to the CC3200R device).
Copyright © 2014, Texas Instruments Incorporated
Detailed Description
49
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com