Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSD87331Q3D Datasheet(PDF) 8 Page - Texas Instruments

Part # CSD87331Q3D
Description  Synchronous Buck NexFET??Power Block
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87331Q3D Datasheet(HTML) 8 Page - Texas Instruments

Back Button CSD87331Q3D_15 Datasheet HTML 4Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 5Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 6Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 7Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 8Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 9Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 10Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 11Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
−75
−25
25
75
125
175
TC - Case Temperature - ºC
ID = 8A
VGS = 8V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
−75
−25
25
75
125
175
TC - Case Temperature - ºC
ID = 8A
VGS = 8V
0.0001
0.001
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
VSD − Source-to-Drain Voltage - V
TC = 25°C
TC = 125°C
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VSD − Source-to-Drain Voltage - V
TC = 25°C
TC = 125°C
1
10
100
0.01
0.1
1
10
t(AV) - Time in Avalanche - ms
TC = 25°C
TC = 125°C
1
10
100
0.01
0.1
1
10
t(AV) - Time in Avalanche - ms
TC = 25°C
TC = 125°C
CSD87331Q3D
SLPS283A
– SEPTEMBER 2011 – REVISED JANUARY 2012
www.ti.com
TYPICAL POWER BLOCK MOSFET CHARACTERISTICS (continued)
TA = 25°C, unless stated otherwise.
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 22. Control MOSFET Normalized RDS(on)
Figure 23. Sync MOSFET Normalized RDS(on)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 24. Control MOSFET Body Diode
Figure 25. Sync MOSFET Body Diode
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 26. Control MOSFET Unclamped Inductive
Figure 27. Sync MOSFET Unclamped Inductive Switching
Switching
8
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com