Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSD87331Q3D Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD87331Q3D
Description  Synchronous Buck NexFET??Power Block
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87331Q3D Datasheet(HTML) 1 Page - Texas Instruments

  CSD87331Q3D_15 Datasheet HTML 1Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 2Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 3Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 4Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 5Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 6Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 7Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 8Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
P0116-01
1
2
3
V
SW
V
SW
V
SW
4
B
G
5
T
GR
6
T
G
P
GND
(Pin9)
7
V
IN
8
V
IN
0
5
10
15
48
56
64
72
80
88
96
0
1
2
3
4
5
6
Output Current (A)
VGS = 5V
VIN = 12V
VOUT = 1.3V
LOUT = 1.0µH
fSW = 500kHz
TA = 25ºC
CSD87331Q3D
www.ti.com
SLPS283A
– SEPTEMBER 2011 – REVISED JANUARY 2012
Synchronous Buck NexFET
™ Power Block
1
FEATURES
DESCRIPTION
The CSD87331Q3D NexFET
™ power block is an
2
•
Half-Bridge Power Block
optimized design for synchronous buck applications
•
Up to 27V VIN
offering high current, high efficiency, and high
•
Up to 15A Operation
frequency capability in a small 3.3-mm
× 3.3-mm
outline. Optimized for 5V gate drive applications, this
•
91% system Efficiency at 10A
product offers a flexible solution capable of offering a
•
High Frequency Operation (Up To 1.5MHz)
high density power supply when paired with any 5V
•
High Density
– SON 3.3-mm × 3.3-mm
gate drive from an external controller/driver.
Footprint
TEXT ADDED FOR SPACING
•
Optimized for 5V Gate Drive
Top View
•
Low Switching Losses
•
Ultra Low Inductance Package
•
RoHS Compliant
•
Halogen Free
•
Pb-Free Terminal Plating
APPLICATIONS
•
Synchronous Buck Converters
TEXT ADDED FOR SPACING
ORDERING INFORMATION
– High Frequency Applications
Device
Package
Media
Qty
Ship
– High Current, Low Duty Cycle Applications
SON
13-Inch
Tape and
•
Multiphase Synchronous Buck Converters
CSD87331Q3D
3.3-mm
× 3.3-mm
2500
Reel
Reel
Plastic Package
•
POL DC-DC Converters
•
IMVP, VRM, and VRD Applications
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
TYPICAL POWER BLOCK EFFICIENCY
TYPICAL CIRCUIT
and POWER LOSS
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NexFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CSD87331Q3D_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87331Q3D.B TI2-CSD87331Q3D.B Datasheet
885Kb / 27P
CSD87331Q3D Synchronous Buck NexFET™ Power Block
REVISED FEBRUARY 2017
CSD87331Q3D.B TI2-CSD87331Q3D.B Datasheet
885Kb / 27P
CSD87331Q3D Synchronous Buck NexFET™ Power Block
REVISED FEBRUARY 2017
CSD87331Q3DG4 TI2-CSD87331Q3DG4 Datasheet
885Kb / 27P
CSD87331Q3D Synchronous Buck NexFET™ Power Block
REVISED FEBRUARY 2017
CSD87331Q3DG4.B TI2-CSD87331Q3DG4.B Datasheet
885Kb / 27P
CSD87331Q3D Synchronous Buck NexFET™ Power Block
REVISED FEBRUARY 2017
CSD87331Q3DG4.B TI2-CSD87331Q3DG4.B Datasheet
885Kb / 27P
CSD87331Q3D Synchronous Buck NexFET™ Power Block
REVISED FEBRUARY 2017
More results

Similar Description - CSD87331Q3D_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
Synchronous Buck NexFET??Power Block
CSD86350Q5D TI-CSD86350Q5D_11 Datasheet
1Mb / 21P
Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
Synchronous Buck NexFET??Power Block
CSD87353Q5D TI-CSD87353Q5D Datasheet
777Kb / 21P
Synchronous Buck NexFET??Power Block
CSD87331Q3D TI1-CSD87331Q3D Datasheet
872Kb / 21P
Synchronous Buck NexFET??Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
Synchronous Buck NexFET??Power Block
CSD87351ZQ5D TI-CSD87351ZQ5D_15 Datasheet
1Mb / 22P
Synchronous Buck NexFET??Power Block
CSD87355Q5D TI1-CSD87355Q5D Datasheet
559Kb / 23P
Synchronous Buck NexFET Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com