Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSD87331Q3D Datasheet(PDF) 9 Page - Texas Instruments

Part # CSD87331Q3D
Description  Synchronous Buck NexFET??Power Block
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87331Q3D Datasheet(HTML) 9 Page - Texas Instruments

Back Button CSD87331Q3D_15 Datasheet HTML 5Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 6Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 7Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 8Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 9Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 10Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 11Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 12Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
CSD87331Q3D
www.ti.com
SLPS283A
– SEPTEMBER 2011 – REVISED JANUARY 2012
APPLICATION INFORMATION
Equivalent System Performance
Many of today
’s high performance computing systems require low power consumption in an effort to reduce
system operating temperatures and improve overall system efficiency. This has created a major emphasis on
improving the conversion efficiency of today
’s Synchronous Buck Topology. In particular, there has been an
emphasis in improving the performance of the critical Power Semiconductor in the Power Stage of this
Application (see Figure 28). As such, optimization of the power semiconductors in these applications, needs to
go beyond simply reducing RDS(ON).
Figure 28.
The CSD87331Q3D is part of TI
’s Power Block product family which is a highly optimized product for use in a
synchronous buck topology requiring high current, high efficiency, and high frequency. It incorporates TI
’s latest
generation silicon which has been optimized for switching performance, as well as minimizing losses associated
with QGD, QGS, and QRR. Furthermore, TI’s patented packaging technology has minimized losses by nearly
eliminating parasitic elements between the Control FET and Sync FET connections (see Figure 29). A key
challenge solved by TI
’s patented packaging technology is the system level impact of Common Source
Inductance (CSI). CSI greatly impedes the switching characteristics of any MOSFET which in turn increases
switching losses and reduces system efficiency. As a result, the effects of CSI need to be considered during the
MOSFET selection process. In addition, standard MOSFET switching loss equations used to predict system
efficiency need to be modified in order to account for the effects of CSI. Further details behind the effects of CSI
and modification of switching loss equations are outlined in TI
’s Application Note SLPA009.
Figure 29.
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com