Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL1591IRTZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL1591IRTZ
Description  Fixed Gain, Dual Port, VDSL2 Line Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1591IRTZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL1591IRTZ Datasheet HTML 2Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 3Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 4Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 5Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 6Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 7Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 8Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 9Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ISL1591
6
FN7625.1
October 31, 2012
Typical Performance Curves V
CC = +24V, Rb = 8.25Ω, GND at the Load = 11.6V/V (differential),
RLOAD = 82.5Ω, TA +25°C, C0 = C1 = 0V (full power) unless otherwise noted.
FIGURE 4. SMALL SIGNAL FREQUENCY RESPONSE vs GAIN AT
THE LOAD
FIGURE 5. LARGE SIGNAL FREQUENCY RESPONSE
FIGURE 6. 1MHz HARMONIC DISTORTION vs OUTPUT AMPLITUDE
FIGURE 7. 4MHz HARMONIC DISTORTION vs OUTPUT AMPLITUDE
FIGURE 8. 8MHz HARMONIC DISTORTION vs OUTPUT AMPLITUDE
FIGURE 9. HARMONIC DISTORTION vs FREQUENCY
6
9
12
15
18
21
24
27
30
100k
1M
10M
100M
1G
Rb = 15
Ω
Rb = 6.2
Ω
Rb = 8.25
Ω
FREQUENCY (Hz)
12
15
18
21
24
27
100k
1M
10M
100M
1G
20VP-P
10VP-P
5VP-P
2VP-P
1VP-P
FREQUENCY (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
0
5
10
15
20
25
30
35
OUTPUT AMPLITUDE AT LOAD (VP-P(-d))
THD dBc
3rd HD dBc
2nd HD dBc
-100
-90
-80
-70
-60
-50
-40
-30
0
5
10
15
20
25
30
35
VOP-P(-d) AT THE LOAD
THD dBc
3rd HD dBc
2nd HD dBc
-100
-90
-80
-70
-60
-50
-40
-30
0
5
10
15
20
25
30
35
THD dBc
3rd HD dBc
2nd HD dBc
OUTPUT AMPLITUDE AT LOAD (VOP-P(-d))
-100
-90
-80
-70
-60
-50
-40
-30
0
2M
4M
6M
8M
10M 12M 14M 16M 18M 20M
FREQUENCY (Hz)
THD dBc
3rd HD dBc
2nd HD dBc
5VOP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com