Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL1591IRTZ Datasheet(PDF) 17 Page - Intersil Corporation

Part # ISL1591IRTZ
Description  Fixed Gain, Dual Port, VDSL2 Line Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1591IRTZ Datasheet(HTML) 17 Page - Intersil Corporation

Back Button ISL1591IRTZ Datasheet HTML 10Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 11Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 12Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 13Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 14Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 15Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 16Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 17Page - Intersil Corporation ISL1591IRTZ Datasheet HTML 18Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
ISL1591
17
Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted
in the quality certifications found at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time
without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be
accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN7625.1
October 31, 2012
For additional products, see www.intersil.com/product_tree
The minimum VP-P would be twice as much, or 38.2VP-P. While
this extreme condition would normally not be encountered, it
does show the importance of knowing your minimum expected
load for high output swing conditions.
Board Design Recommendations
Close placement of the supply decoupling capacitors will
minimize parasitic inductance in the supply path. High frequency
load currents are typically pulled through these capacitors so
close placement of 0.01µF capacitors on each of the supply pins
will improve dynamic performance. Higher valued capacitors,
6.8µF typically, can be placed further from the package as they
are providing more of the low frequency decoupling.
The thermal pad for the ISL1591 should be connected to either
ground or the -VS power plane. The choice of which plane
depends on which one would have the more accessible thermal
area.
While the ISL1591 is relatively robust in driving parasitic
capacitive loads, it is always preferred to get any series output
resistor needed in the design as physically close as possible to
the output pins. Then trace capacitance on the other side of that
resistor will have a much smaller effect on loop phase margin.
Protection devices that are intended to steer large load
transients away from the ISL1591 output stage and into the
power supplies or ground should have a short trace from their
supply connections into the nearest supply capacitor - or should
include their own supply capacitors to provide a low impedance
path under fast transient conditions.
Products
Intersil Corporation is a leader in the design and manufacture of high-performance analog semiconductors. The Company's products
address some of the industry's fastest growing markets, such as, flat panel displays, cell phones, handheld products, and notebooks.
Intersil's product families address power management and analog signal processing functions. Go to www.intersil.com/products for a
complete list of Intersil product families.
For a complete listing of Applications, Related Documentation and Related Parts, please see the respective product information page.
Also, please check the product information page to ensure that you have the most updated datasheet: ISL1591
To report errors or suggestions for this datasheet, please go to: www.intersil.com/askourstaff
Reliability reports are available from our website at: http://rel.intersil.com/reports/search.php
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make
sure you have the latest revision.
DATE
REVISION
CHANGE
10/30/2012
FN7625.1
page 2 , Figure 3 schematic: added resistor values and added buffer between Rc and Rt.
08/18/2011
FN7625.0
Initial Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com