Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4819MMX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM4819MMX/NOPB
Description  350mW Audio Power Amplifier with Shutdown Mode
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4819MMX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM4819MMX/NOPB Datasheet HTML 1Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 2Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 3Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 4Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 5Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 6Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 7Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 8Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LM4819, LM4819MBD
www.ti.com
SNAS133D – FEBRUARY 2001 – REVISED MARCH 2013
External Components Description
(See Figure 1)
Components
Functional Description
1.
Ri
Combined with Rf, this inverting input resistor sets the closed-loop gain. Ri also forms a high pass filter with Ci at fc =
1/(2
πRiCi).
2.
Ci
This input coupling capacitor blocks DC voltage at the amplifier's terminals. Combined with Ri, it creates a high pass
filter with Ri at fc = 1/(2πRiCi). Refer to the section, Proper Selection of External Components for an explanation of how
to determine the value of Ci.
3.
Rf
Combined with Ri, this is the feedback resistor that sets the closed-loop gain: Av = 2(RF/Ri).
4.
CS
This is the power supply bypass capacitor that filters the voltage applied to the power supply pin. Refer to the
Application Information section for proper placement and selection of Cs.
5.
CB
This is the bypass pin capacitor that filters the voltage at the BYPASS pin. Refer to the section, Proper Selection of
External Components, for information concerning proper placement and selection of CB.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4819 LM4819MBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com