Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4819MMX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM4819MMX/NOPB
Description  350mW Audio Power Amplifier with Shutdown Mode
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4819MMX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM4819MMX/NOPB Datasheet HTML 1Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 2Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 3Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 4Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 5Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 6Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 7Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 8Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LM4819, LM4819MBD
www.ti.com
SNAS133D – FEBRUARY 2001 – REVISED MARCH 2013
LM4819
350mW Audio Power Amplifier with Shutdown Mode
Check for Samples: LM4819, LM4819MBD
1
FEATURES
DESCRIPTION
The LM4819 is a mono bridged power amplifier that
2
•
WSON, SOIC, and VSSOP Surface Mount
is capable of delivering 350mWRMS output power into
Packaging
a 16
Ω load or 300mWRMS output power into an 8Ω
•
Switch On/Off Click Suppression
load with 10% THD+N from a 5V power supply.
•
Unity-Gain Stable
The LM4819 Boomer audio power amplifier is
•
Minimum External Components
designed specifically to provide high quality output
power and minimize PCB area with surface mount
KEY SPECIFICATIONS
packaging
and
a
minimal
amount
of
external
components. Since the LM4819 does not require
•
THD+N at 1kHz, 350mW Continuous Average
output coupling capacitors, bootstrap capacitors or
Output Power into 16
Ω: 10% (max)
snubber networks, it is optimally suited for low-power
•
THD+N at 1kHz, 300mW Continuous Average
portable applications.
Output Power into 8
Ω: 10% (max)
The closed loop response of the unity-gain stable
•
Shutdown Current: 0.7
μA (typ)
LM4819 can be configured using external gain-setting
resistors. The device is available in WSON, VSSOP,
APPLICATIONS
and SOIC package types to suit various applications.
•
General Purpose Audio
•
Portable Electronic Devices
•
Information Appliances (IA)
Typical Application
Figure 1. Typical Audio Amplifier Application Circuit
Connection Diagrams
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4819MMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4819MMX TI-LM4819MMX Datasheet
1Mb / 27P
LM4819 350mW Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4819MMX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4818 NSC-LM4818 Datasheet
431Kb / 16P
350mW Audio Power Amplifier with Shutdown Mode
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
350mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PA4819 UTC-PA4819 Datasheet
280Kb / 7P
350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4819MX TI-LM4819MX Datasheet
1Mb / 27P
LM4819 350mW Audio Power Amplifier with Shutdown Mode
LM4819 TI1-LM4819_14 Datasheet
1Mb / 28P
350mW Audio Power Amplifier with Shutdown Mode
LM4819MBD TI1-LM4819MBD Datasheet
1Mb / 27P
350mW Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PA4819 UTC-PA4819_15 Datasheet
285Kb / 7P
350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com