Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4819MMX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM4819MMX/NOPB
Description  350mW Audio Power Amplifier with Shutdown Mode
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4819MMX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4819MMX/NOPB Datasheet HTML 6Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 7Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 8Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 9Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 10Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 11Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 12Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 13Page - Texas Instruments LM4819MMX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
LM4819, LM4819MBD
SNAS133D – FEBRUARY 2001 – REVISED MARCH 2013
www.ti.com
APPLICATION INFORMATION
BRIDGE CONFIGURATION EXPLANATION
As shown in Figure 1, the LM4819 consists of two operational amplifiers. External resistors, Ri and RF set the
closed-loop gain of the first amplifier (and the amplifier overall), whereas two internal 20k
Ω resistors set the
second amplifier's gain at -1. The LM4819 is typically used to drive a speaker connected between the two
amplifier outputs.
Figure 1 shows that the output of Amp1 servers as the input to Amp2, which results in both amplifiers producing
signals identical in magnitude but 180° out of phase. Taking advantage of this phase difference, a load is placed
between V01 and V02 and driven differentially (commonly referred to as "bridge mode"). This results in a
differential gain of
AVD= 2 *(Rf/Ri)
(1)
Bridge mode is different from single-ended amplifiers that drive loads connected between a single amplifier's
output and ground. For a given supply voltage, bridge mode has a distinct advantage over the single-ended
configuration: its differential output doubles the voltage swing across the load. This results in four times the
output power when compared to a single-ended amplifier under the same conditions. This increase in attainable
output assumes that the amplifier is not current limited or the output signal is not clipped. To ensure minimum
output signal clipping when choosing an amplifier's closed-loop gain, refer to the Audio Power Amplifier Design
Example section.
Another advantage of the differential bridge output is no net DC voltage across the load. This results from biasing
V01 and V02 at half-supply. This eliminates the coupling capacitor that single supply, single-ended amplifiers
require. Eliminating an output coupling capacitor in a single-ended configuration forces a single supply amplifier's
half-supply bias voltage across the load. The current flow created by the half-supply bias voltage increases
internal IC power dissipation and may permanently damage loads such as speakers.
POWER DISSIPATION
Power dissipation is a major concern when designing a successful bridged or single-ended amplifier. Equation 2
states the maximum power dissipation point for a single-ended amplifier operating at a given supply voltage and
driving a specified load.
PDMAX = (VDD)
2 /(2π2R
L ) (W) Single-ended
(2)
However, a direct consequence of the increased power delivered to the load by a bridged amplifier is an increase
in the internal power dissipation point for a bridge amplifier operating at the same given conditions. Equation 3
states the maximum power dissipation point for a bridged amplifier operating at a given supply voltage and
driving a specified load.
PDMAX = 4(VDD)
2/(2π2 R
L ) (W) Bridge Mode
(3)
The LM4819 has two operational amplifiers in one package and the maximum internal power dissipation is four
times that of a single-ended amplifier. However, even with this substantial increase in power dissipation, the
Lm4819 does not require heatsinking. From Equation 3, assuming a 5V power supply and an 8
Ω load, the
maximum power dissipation point is 633mW. The maximum power dissipation point obtained from Equation 3
must not exceed the power dissipation predicted by Equation 4:
PDMAX = (TJMAX - TA)/θJA (W)
(4)
For the micro DGK0008A package,
θJA = 210°C/W, for the D0008A package, θJA = 170°C/W , and TJMAX = 150°C
for the LM4819. For a given ambient temperature, TA, Equation 4 can be used to find the maximum internal
power dissipation supported by the IC packaging. If the result of Equation 3 is greater than the result of
Equation 4, then decrease the supply voltage, increase the load impedance, or reduce the ambient temperature.
For a typical application using the D0008A packaged LM4819 with a 5V power supply and an 8
Ω load, the
maximum ambient temperature that does not violate the maximum junction temperature is approximately 42°C. If
a DGK0008A packaged part is used instead with the same supply voltage and load, the maximum ambient
temperature is 17°C. In both cases, it is assumed that a device is a surface mount part operating around the
maximum power dissipation point. The assumption that the device is operating around the maximum power
dissipation point is incorrect for an 8
Ω load. The maximum power dissipation point occurs when the output power
is equal to the maximum power dissipation or 50% efficiency. The LM4819 is not capable of the output power
level (633mW) required to operate at the maximum power dissipation point for an 8
Ω load. To find the maximum
power dissipation, the graph Figure 22 must be used. From the graph, the maximum power dissipation for an 8
Ω
10
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM4819 LM4819MBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com