Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F872/SP Datasheet(PDF) 159 Page - Microchip Technology

Part # PIC16F872/SP
Description  28-Pin, 8-Bit CMOS FLASH Microcontroller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F872/SP Datasheet(HTML) 159 Page - Microchip Technology

Back Button PIC16F872/SP Datasheet HTML 152Page - Microchip Technology PIC16F872/SP Datasheet HTML 153Page - Microchip Technology PIC16F872/SP Datasheet HTML 154Page - Microchip Technology PIC16F872/SP Datasheet HTML 155Page - Microchip Technology PIC16F872/SP Datasheet HTML 156Page - Microchip Technology PIC16F872/SP Datasheet HTML 157Page - Microchip Technology PIC16F872/SP Datasheet HTML 158Page - Microchip Technology PIC16F872/SP Datasheet HTML 159Page - Microchip Technology PIC16F872/SP Datasheet HTML 160Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 159 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS30221A-page 159
PIC16F872
PIC16F872 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
PART NO.
-X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
PIC16F872, PIC16F872T;VDD range 4.0V to 5.5V
PIC16LF872, PIC16LF872T;VDD range 2.0V to 5.5V
F
= CMOS FLASH
LF
= Low Power CMOS FLASH
T
= in tape and reel - SOIC, SSOP,
packages only.
Temperature Range
blank
=
0
°C to
70
°C
(Commercial)
I= -40
°C to +85°C
(Industrial)
Package
SO
=
SOIC
SP
=
Skinny plastic dip
SS
=
SSOP
Pattern
QTP, SQTP, Code or Special Requirements
(blank otherwise)
Examples:
a)
PIC16F872-I/SP 301 = Industrial temp., PDIP
package, 20MHz, normal VDD limits, QTP pat-
tern #301.
b)
PIC16F872-I/SO = Industrial temp., SOIC
package, 20 MHz, normal VDD limits.
c)
PIC16F872/P = Industrial temp., PDIP pack-
age, 10MHz, normal VDD limits.
d)
PIC16LF872-I/SS = Industrial temp., SSOP
package, DC - 20MHz, extended VDD limits.
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 786-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com