Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C752-08/P Datasheet(PDF) 168 Page - Microchip Technology

Part # PIC17C752-08/P
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752-08/P Datasheet(HTML) 168 Page - Microchip Technology

Back Button PIC17C752-08/P Datasheet HTML 164Page - Microchip Technology PIC17C752-08/P Datasheet HTML 165Page - Microchip Technology PIC17C752-08/P Datasheet HTML 166Page - Microchip Technology PIC17C752-08/P Datasheet HTML 167Page - Microchip Technology PIC17C752-08/P Datasheet HTML 168Page - Microchip Technology PIC17C752-08/P Datasheet HTML 169Page - Microchip Technology PIC17C752-08/P Datasheet HTML 170Page - Microchip Technology PIC17C752-08/P Datasheet HTML 171Page - Microchip Technology PIC17C752-08/P Datasheet HTML 172Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 320 page
background image
PIC17C75X
DS30264A-page 168
Preliminary
© 1997 Microchip Technology Inc.
FIGURE 16-2: ADCON1 REGISTER (ADDRESS 15h, BANK 5)
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
ADCS1 ADCS0
ADFM
—
PCFG3
PCFG2
PCFG1
PCFG0
R = Readable bit
W = Writable bit
U = Unimplemented
bit, read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7-6:
ADCS1:ADCS0: A/D Conversion Clock Select bits
00
= FOSC/8
01
= FOSC/32
10
= FOSC/64
11
= FRC (clock derived from an internal RC oscillator)
bit 5:
ADFM: A/D Result format select
1 = Right justified. 6 Most Significant bits of ADRESH are read as ’0’.
0 = Left justified. 6 Least Significant bits of ADRESL are read as ’0’.
bit 4:
Unimplemented: Read as '0'
bit 3-0:
PCFG3:PCFG1: A/D Port Configuration Control bits
bit 0:
PCFG0: A/D Voltage Reference Select bit
1 = A/D reference is the VREF+ and VREF- pins
0 = A/D reference is AVDD and AVSS
Note:When this bit is set, ensure that the A/D voltage reference specifications are met.
A = Analog input
D = Digital I/O
PCFG3:PCFG1 AN11 AN10 AN9 AN8 AN7 AN6 AN5 AN4 AN3 AN2 AN1 AN0
000
A
A
AA
A
A
AAA
A
A
A
001
A
A
AA
D
A
AAA
A
A
A
010
A
A
AA
DD
AAA
A
A
A
011
AA
A
A
D
D
D
A
A
A
A
A
100
AA
A
A
D
D
D
D
A
A
A
A
101
D
A
A
A
D
D
DDD
A
A
A
110
D
D
A
A
D
D
DDD
D
A
A
111
D
D
DD
D
D
DDD
D
D
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com