Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F020-I/P Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC18F020-I/P
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F020-I/P Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC18F020-I/P Datasheet HTML 48Page - Microchip Technology PIC18F020-I/P Datasheet HTML 49Page - Microchip Technology PIC18F020-I/P Datasheet HTML 50Page - Microchip Technology PIC18F020-I/P Datasheet HTML 51Page - Microchip Technology PIC18F020-I/P Datasheet HTML 52Page - Microchip Technology PIC18F020-I/P Datasheet HTML 53Page - Microchip Technology PIC18F020-I/P Datasheet HTML 54Page - Microchip Technology PIC18F020-I/P Datasheet HTML 55Page - Microchip Technology PIC18F020-I/P Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 176 page
background image
PIC18F010/020
DS41142A-page 50
Preliminary
 2001 Microchip Technology Inc.
The sequence of events for programming an internal
program memory location should be:
1.
Read 32 bytes of row into RAM.
2.
Update data values in RAM, as necessary.
3.
Load Table Pointer with address of row being
erased.
4.
Perform the row erase procedure.
5.
CPU will stall for duration of the erase (about
2ms using internal timer).
6.
Load Table Pointer with address first byte of row
being written.
7.
Set WREN bit to enable writes and set EEPGD
bit to point to program memory.
8.
Write first 3 bytes into table latches with auto-
increment. Write the last byte without auto-
increment.
9.
Disable interrupts.
10. Write ’55’ to EECON2.
11. Write 'AA’ to EECON2.
12. Set the WR bit. This will begin the write cycle.
13. CPU will stall for duration of the write (about 2ms
using internal timer).
14. Repeat steps 7-13, 8 times total to write 32
bytes.
15. Verify the memory row (Table Read).
This procedure will require about 18msec to update 1
row of 32 bytes of memory.
FIGURE 6-3:
TABLE WRITES TO INTERNAL PROGRAM MEMORY
Buffer Register
TABLAT Write Reg.
Program Memory
(Column 0-7)
TBLWT
A=xxxxx1
Buffer Register
TBLWT
A=xxxxx0
Buffer Register
TBLWT
A=xxxxx2
Buffer Register
TBLWT
A=xxxxx3
(Column 8-15)
(Column 16-23)
(Column 24-31)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com