Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2220-I/ML Datasheet(PDF) 66 Page - Microchip Technology

Part # PIC18F2220-I/ML
Description  28/40/44-Pin High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2220-I/ML Datasheet(HTML) 66 Page - Microchip Technology

Back Button PIC18F2220-I/ML Datasheet HTML 62Page - Microchip Technology PIC18F2220-I/ML Datasheet HTML 63Page - Microchip Technology PIC18F2220-I/ML Datasheet HTML 64Page - Microchip Technology PIC18F2220-I/ML Datasheet HTML 65Page - Microchip Technology PIC18F2220-I/ML Datasheet HTML 66Page - Microchip Technology PIC18F2220-I/ML Datasheet HTML 67Page - Microchip Technology PIC18F2220-I/ML Datasheet HTML 68Page - Microchip Technology PIC18F2220-I/ML Datasheet HTML 69Page - Microchip Technology PIC18F2220-I/ML Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 388 page
background image
PIC18F2220/2320/4220/4320
DS39599C-page 64
 2003 Microchip Technology Inc.
EEADR
EEPROM Address Register
0000 0000
48, 81
EEDATA
EEPROM Data Register
0000 0000
48, 84
EECON2
EEPROM Control Register 2 (not a physical register)
0000 0000
48, 72, 81
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
xx-0 x000
48, 73, 82
IPR2
OSCFIP
CMIP
—
EEIP
BCLIP
LVDIP
TMR3IP
CCP2IP
11-1 1111
49, 97
PIR2
OSCFIF
CMIF
—
EEIF
BCLIF
LVDIF
TMR3IF
CCP2IF
00-0 0000
49, 93
PIE2
OSCFIE
CMIE
—
EEIE
BCLIE
LVDIE
TMR3IE
CCP2IE
00-0 0000
49, 95
IPR1
PSPIP(5)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
1111 1111
49, 96
PIR1
PSPIF(5)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000
49, 92
PIE1
PSPIE(5)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000
49, 94
OSCTUNE
—
—
TUN5
TUN4
TUN3
TUN2
TUN1
TUN0
--00 0000
23, 49
TRISE(5)
IBF
OBF
IBOV
PSPMODE
—
Data Direction bits for PORTE(5)
0000 -111
49, 112
TRISD(5)
Data Direction Control Register for PORTD
1111 1111
49, 110
TRISC
Data Direction Control Register for PORTC
1111 1111
49, 108
TRISB
Data Direction Control Register for PORTB
1111 1111
49, 106
TRISA
TRISA7(2)
TRISA6(1)
Data Direction Control Register for PORTA
1111 1111
49, 103
LATE(5)
—
—
—
—
—
Read/Write PORTE Data Latch
---- -xxx
49, 113
LATD(5)
Read/Write PORTD Data Latch
xxxx xxxx
49, 110
LATC
Read/Write PORTC Data Latch
xxxx xxxx
49, 108
LATB
Read/Write PORTB Data Latch
xxxx xxxx
49, 106
LATA
LATA<7>(2)
LATA<6>(1) Read/Write PORTA Data Latch
xxxx xxxx
49, 103
PORTE
—
—
—
—RE3(6)
Read PORTE pins,
Write PORTE Data Latch(5)
---- xxxx
49, 113
PORTD
Read PORTD pins, Write PORTD Data Latch
xxxx xxxx
49, 110
PORTC
Read PORTC pins, Write PORTC Data Latch
xxxx xxxx
49, 108
PORTB
Read PORTB pins, Write PORTB Data Latch(4)
xxxx xxxx
49, 106
PORTA
RA7(2)
RA6(1)
Read PORTA pins, Write PORTA Data Latch
xx0x 0000
49, 103
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F2220/2320/4220/4320) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details on
page:
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note
1:
RA6 and associated bits are configured as port pins in RCIO, ECIO and INTIO2 (with port function on RA6) Oscillator mode only and read
‘0’ in all other oscillator modes.
2:
RA7 and associated bits are configured as port pins in INTIO2 Oscillator mode only and read ‘0’ in all other modes.
3:
Bit 21 of the PC is only available in Test mode and Serial Programming modes.
4:
If PBADEN = 0, PORTB<4:0> are configured as digital input and read unknown and if PBADEN = 1, PORTB<4:0> are configured as
analog input and read ‘0’ following a Reset.
5:
These registers and/or bits are not implemented on the PIC18F2X20 devices and read as ‘0’.
6:
The RE3 port bit is only available when MCLRE fuse (CONFIG3H<7>) is programmed to ‘0’. Otherwise, RE3 reads ‘0’. This bit is
read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com