Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C72-10/SP Datasheet(PDF) 109 Page - Microchip Technology

Part # PIC16C72-10/SP
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C72-10/SP Datasheet(HTML) 109 Page - Microchip Technology

Back Button PIC16C72-10/SP Datasheet HTML 105Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 106Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 107Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 108Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 109Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 110Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 111Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 112Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 124 page
background image
PIC16C72 Series
© 1998 Microchip Technology Inc.
Preliminary
DS39016A-page 109
16.0
PACKAGING INFORMATION
16.1
Package Marking Information
In the event the full Microchip part number cannot be marked on one
line, it will be carried over to the next line thus limiting the number of
available characters for customer specific information.
Note:
Standard OTP marking consists of Microchip part number, year code, week code,
facility code, mask revision number, and assembly code. For OTP marking beyond
this, certain price adders apply. Please check with your Microchip Sales Office.
For QTP devices, any special marking adders are included in QTP price.
*
AABBCAE
XXXXXXXXXXXX
XXXXXXXXXXXX
28-Lead SSOP
9517SBP
20I/SS025
PIC16C72
Example
28-Lead SOIC
XXXXXXXXXXXXXXXXXXXX
AABBCDE
MMMMMMMMMMMMMMMM
Example
945/CAA
PIC16C72-04/SO
XXXXXXXXXXXXXXX
AABBCDE
28-Lead PDIP (Skinny DIP)
MMMMMMMMMMMM
AABBCDE
Example
PIC16C72-04/SP
Example
28-Lead Side Brazed Skinny Windowed
XXXXXXXXXXX
XXXXXXXXXXX
AABBCDE
PIC16C72/JW
9517CAT
Legend: MM...M
Microchip part number information
XX...X
Customer specific information*
AA
Year code (last 2 digits of calendar year)
BB
Week code (week of January 1 is week ‘01’)
C
Facility code of the plant at which wafer is manufactured
O = Outside Vendor
C = 5” Line
S = 6” Line
H = 8” Line
D
Mask revision number
E
Assembly code of the plant or country of origin in which
part was assembled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com